Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3179E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL3179E
Description  High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3179E Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL3179E Datasheet HTML 1Page - Renesas Technology Corp ISL3179E Datasheet HTML 2Page - Renesas Technology Corp ISL3179E Datasheet HTML 3Page - Renesas Technology Corp ISL3179E Datasheet HTML 4Page - Renesas Technology Corp ISL3179E Datasheet HTML 5Page - Renesas Technology Corp ISL3179E Datasheet HTML 6Page - Renesas Technology Corp ISL3179E Datasheet HTML 7Page - Renesas Technology Corp ISL3179E Datasheet HTML 8Page - Renesas Technology Corp ISL3179E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL3179E, ISL3180E
FN6365 Rev. 6.00
Page 2 of 18
Nov 9, 2017
Ordering Information
PART
NUMBER
(Note 4, 5)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG. DWG. #
ISL3179EFBZ (Note 1)
3179 EFBZ
-40 to +125
8 Ld SOIC
M8.15
ISL3179EFUZ (Note 1)
179FZ
-40 to +125
8 Ld MSOP
M8.118
ISL3179EFRZ (Note 2)
79FZ
-40 to +125
10 Ld DFN
L10.3x3C
ISL3179EIBZ (Note 1)
3179 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3179EIUZ (Note 1)
179IZ
-40 to +85
8 Ld MSOP
M8.118
ISL3179EIRZ (Note 2)
79IZ
-40 to +85
10 Ld DFN
L10.3x3C
ISL3180EIBZ (Note 3)
ISL3180 EIBZ
-40 to +85
14 Ld SOIC
M14.15
NOTES:
1. Add “-T” suffix for 2.5k unit tape or “-T7A” suffix for 250 unit tape and reel options. Refer to TB347 for details on reel specifications.
2. Add “-T” suffix for 6k unit tape or “-T7A” suffix for 250 unit tape and reel options. Refer to TB347 for details on reel specifications.
3. Add “-T” suffix for 2.5k unit tape and reel options. Refer to TB347 for details on reel specifications.
4. Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), refer to the product information page for the ISL3179E and the ISL3180E. For more information about MSL, refer
to TB363.
TABLE 2. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
RS-485 PIN
ESD LEVEL
HOT
PLUG?
RX/TX
ENABLE?
QUIESCENT
ICC
(mA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL3179E
HALF
40
16.5kV
IEC61000
YES
YES
2.6
YES
8, 10
ISL3180E
FULL
40
12kV HBM
YES
YES
2.6
YES
14


Similar Part No. - ISL3179E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3179E INTERSIL-ISL3179E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3179E INTERSIL-ISL3179E Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
More results

Similar Description - ISL3179E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com