Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3179E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL3179E
Description  High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3179E Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL3179E Datasheet HTML 9Page - Renesas Technology Corp ISL3179E Datasheet HTML 10Page - Renesas Technology Corp ISL3179E Datasheet HTML 11Page - Renesas Technology Corp ISL3179E Datasheet HTML 12Page - Renesas Technology Corp ISL3179E Datasheet HTML 13Page - Renesas Technology Corp ISL3179E Datasheet HTML 14Page - Renesas Technology Corp ISL3179E Datasheet HTML 15Page - Renesas Technology Corp ISL3179E Datasheet HTML 16Page - Renesas Technology Corp ISL3179E Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL3179E, ISL3180E
FN6365 Rev. 6.00
Page 13 of 18
Nov 9, 2017
“hot plug” function. Circuitry monitoring VCC ensures that, during
power-up and power-down, the Tx and Rx outputs remain disabled,
regardless of the state of DE and RE, if VCC is less than ~2.4V. This
gives the processor/ASIC a chance to stabilize and drive the RS-485
control lines to the proper states.
Data Rate, Cables, and Terminations
RS-485/RS-422 are intended for network lengths up to 4000ft,
but the maximum system data rate decreases as the
transmission length increases. Devices operating at 40Mbps are
limited to lengths less than 100ft.
Twisted pair is the cable of choice for RS-485/RS-422 networks.
Twisted pair cables tend to pick up noise and other
electromagnetically induced voltages as common-mode signals,
which are effectively rejected by the differential receiver in this IC.
Proper termination is imperative to minimize reflections. In point-
to-point, or point-to-multipoint (single driver on bus) networks,
the main cable should be terminated in its characteristic
impedance (typically 120Ω) at the end farthest from the driver. In
multireceiver applications, stubs connecting receivers to the
main cable should be kept as short as possible. Multipoint
(multidriver) systems require that the main cable be terminated
in its characteristic impedance at both ends. Stubs connecting a
transceiver to the main cable should be kept as short as possible.
The ISL3179E and ISL3180E may also be used at slower data
rates over longer cables, but some limitations apply. The Rx is
optimized for high speed operation, so its output may glitch if the
Rx input differential transition times are too slow. Keeping the
transition times below 500ns, which equates to the Tx driving a
1000ft (305m) CAT 5 cable, yields excellent performance over
the full operating temperature range.
Built-in Driver Overload Protection
As stated previously, the RS-485 specification requires that
drivers survive worst case bus contentions undamaged. These
transmitters meet this requirement using driver output short
circuit current limits and on-chip thermal shutdown circuitry.
The driver output stages incorporate short-circuit current limiting
circuitry, which ensures that the output current never exceeds the
RS-485 specification, even at the common-mode voltage range
extremes. In the event of a major short-circuit condition, the device
also includes a thermal shutdown feature that disables the drivers
whenever the die temperature becomes excessive. This eliminates
the power dissipation, allowing the die to cool. The drivers
automatically reenable after the die temperature drops about
+15°C. If the contention persists, the thermal shutdown/reenable
cycle repeats until the fault is cleared. Receivers stay operational
during thermal shutdown.
Low Power Shutdown Mode
The BiCMOS transceivers use a fraction of the power required by
their bipolar counterparts, but they also include a shutdown
feature that reduces the already low quiescent ICC to a 50nA
trickle. The devices enter shutdown whenever the receiver and
driver are simultaneously disabled (RE =VCC and DE = GND) for a
period of at least 600ns. Disabling both the driver and the
receiver for less than 60ns guarantees that the transceiver will
not enter shutdown.
Note that receiver and driver enable times increase when the
transceiver enables from shutdown. Refer to Notes 12, 13, 14,
15 and 16 at the end of “Electrical Specifications” on page 5 for
more information.
FIGURE 21. HOT PLUG PERFORMANCE (ISL3179E) vs ISL83485
WITHOUT HOT PLUG CIRCUITRY
TIME (40µs/DIV)
VCC
2
4
2
4
RL = 1kΩ
RO
0
2
4
0
0
A
/Y
RL = 1kΩ
2.3V
2.5V
DE, DI = VCC
ISL3179E
RE = GND
ISL3179E


Similar Part No. - ISL3179E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3179E INTERSIL-ISL3179E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3179E INTERSIL-ISL3179E Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
More results

Similar Description - ISL3179E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com