Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSX-328 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # GSX-328
Description  High Frequency Fundamental Mode Miniature SM Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-328 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  GSX-328 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-328 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-328 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-328 Datasheet HTML 4Page - Golledge Electronics Ltd GSX-328 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GSX-328 3/5
v1.0
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
Ceramic body with gold-plated pads Metal lid, seam sealed
SOLDERING PROFILE
TAPE & REEL SPECIFICATION
HANDLING & STORAGE
CONSTRUCTION


Similar Part No. - GSX-328

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321 Datasheet
168Kb / 2P
   SM Crystal for Wireless
GSX-321 GOLLEDGE-GSX-321 Datasheet
599Kb / 5P
   Miniature 2.5 x 2.0mm SM Crystal
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
   Miniature 2.5 x 2.0mm SM Crystal
GSX-323 GOLLEDGE-GSX-323 Datasheet
83Kb / 2P
   SM crystal for Bluetooth / wireless
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
   Miniature 2.5 x 2.0mm SM Crystal
More results

Similar Description - GSX-328

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-228 GOLLEDGE-GSX-228 Datasheet
589Kb / 5P
   High Frequency Fundamental Mode Ultra-Miniature SM Crystal
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
   SM Crystal High Frequency Fundamental
GSX-2 GOLLEDGE-GSX-2_18 Datasheet
561Kb / 4P
   High Frequency Miniature SM Crystal
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
   High Frequency Fundamental 5.0 x 3.2mm SM Crystal
GSX-758 GOLLEDGE-GSX-758 Datasheet
590Kb / 5P
   High Frequency Fundamental 7.5 x 5.0mm SM Crystal
GSX-338 GOLLEDGE-GSX-338 Datasheet
591Kb / 5P
   High Frequency Fundamental 3.2 x 2.5mm SM Crystal
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
   SM Crystal High Freq Fundamental
CC6F GOLLEDGE-CC6F_16 Datasheet
127Kb / 1P
   SM Crystal High Freq Fundamental
GVXO-55F GOLLEDGE-GVXO-55F Datasheet
552Kb / 5P
   5V VCXO with high frequency fundamental mode crystal
CC6F GOLLEDGE-CC6F_06 Datasheet
55Kb / 1P
   SM Crystal Mil Temp High Freq Fundamental
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com