Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSX-228 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part No. GSX-228
Description  High Frequency Fundamental Mode Ultra-Miniature SM Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-228 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GSX-228 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 4Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GSX-228 2/5
v1.0
Frequency range
20.0 ~ 315MHz
Dimensions
2.0 x 1.6 x 0.5mm
Storage
temperature range
-40 to +90°C
Equivalent series
resistance (max)
100Ω (20.0 ~ 35.9MHz)
80Ω (36.0 ~ 69.9MHz)
60Ω (70.0 ~ 315MHz, fund)
Ageing
±3ppm max first year
Test drive level
10µW typ, 100µW max (<70.0MHz)
2.0µW max (70.0MHz+)
Soldering condition 260°C, 10sec x2 max
To request a quotation for the GSX-228 please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
SPECIFICATIONS
PACKAGE DRAWING
ORDERING INFORMATION
MARKING


Similar Part No. - GSX-228

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
GSX-221 GOLLEDGE-GSX-221_15 Datasheet
168Kb / 2P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221_18 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
GSX-223 GOLLEDGE-GSX-223 Datasheet
166Kb / 2P
   SM Crystal for Wireless
More results

Similar Description - GSX-228

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
   High Frequency Fundamental Mode Miniature SM Crystal
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
   SM Crystal High Frequency Fundamental
GSX-2 GOLLEDGE-GSX-2_18 Datasheet
561Kb / 4P
   High Frequency Miniature SM Crystal
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
   SM Crystal High Freq Fundamental
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
   High Frequency Fundamental 5.0 x 3.2mm SM Crystal
GSX-758 GOLLEDGE-GSX-758 Datasheet
590Kb / 5P
   High Frequency Fundamental 7.5 x 5.0mm SM Crystal
CC6F GOLLEDGE-CC6F_16 Datasheet
127Kb / 1P
   SM Crystal High Freq Fundamental
GSX-338 GOLLEDGE-GSX-338 Datasheet
591Kb / 5P
   High Frequency Fundamental 3.2 x 2.5mm SM Crystal
GSX-223 GOLLEDGE-GSX-223_18 Datasheet
580Kb / 5P
   Ultra-miniature SM Crystal
GSX-221 GOLLEDGE-GSX-221_18 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz