Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSX-228 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part No. GSX-228
Description  High Frequency Fundamental Mode Ultra-Miniature SM Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-228 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  GSX-228 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 4Page - Golledge Electronics Ltd GSX-228 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GSX-228 3/5
v1.0
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
Ceramic body with gold-plated pads Metal lid, seam sealed
SOLDERING PROFILE
TAPE & REEL SPECIFICATION
HANDLING & STORAGE
CONSTRUCTION


Similar Part No. - GSX-228

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
GSX-221 GOLLEDGE-GSX-221_15 Datasheet
168Kb / 2P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221_18 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
GSX-223 GOLLEDGE-GSX-223 Datasheet
166Kb / 2P
   SM Crystal for Wireless
More results

Similar Description - GSX-228

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
   High Frequency Fundamental Mode Miniature SM Crystal
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
   SM Crystal High Frequency Fundamental
GSX-2 GOLLEDGE-GSX-2_18 Datasheet
561Kb / 4P
   High Frequency Miniature SM Crystal
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
   SM Crystal High Freq Fundamental
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
   High Frequency Fundamental 5.0 x 3.2mm SM Crystal
GSX-758 GOLLEDGE-GSX-758 Datasheet
590Kb / 5P
   High Frequency Fundamental 7.5 x 5.0mm SM Crystal
CC6F GOLLEDGE-CC6F_16 Datasheet
127Kb / 1P
   SM Crystal High Freq Fundamental
GSX-338 GOLLEDGE-GSX-338 Datasheet
591Kb / 5P
   High Frequency Fundamental 3.2 x 2.5mm SM Crystal
GSX-223 GOLLEDGE-GSX-223_18 Datasheet
580Kb / 5P
   Ultra-miniature SM Crystal
GSX-221 GOLLEDGE-GSX-221_18 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz