Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSX-221 Datasheet(PDF) 4 Page - Golledge Electronics Ltd

Part No. GSX-221
Description  Ultra-miniature SM Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-221 Datasheet(HTML) 4 Page - Golledge Electronics Ltd

  GSX-221_18 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-221_18 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-221_18 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-221_18 Datasheet HTML 4Page - Golledge Electronics Ltd GSX-221_18 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GSX-221 4/5
v1.0
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
Ceramic body with gold-plated pads
Metal lid, seam sealed
Lead-free (< 0.1% by weight )
RoHS 2 compliant with no exemptions.
See our
declaration
REACH compliant.
See our statement
Free of conflict minerals.
See our declaration
Free of Halogens.
See our declaration
Free of Ozone-depleting substances.
See our
declaration
TAPE & REEL SPECIFICATION
HANDLING & STORAGE
CONSTRUCTION
MATERIAL COMPOSITION


Similar Part No. - GSX-221_18

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-221 GOLLEDGE-GSX-221_15 Datasheet
168Kb / 2P
   SM Crystal
More results

Similar Description - GSX-221_18

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-223 GOLLEDGE-GSX-223_18 Datasheet
580Kb / 5P
   Ultra-miniature SM Crystal
GSX-211 GOLLEDGE-GSX-211_18 Datasheet
595Kb / 5P
   Ultra-miniature 1.6x1.2mm SM Crystal
MS3V-T1R GOLLEDGE-MS3V-T1R Datasheet
561Kb / 5P
   SM Crystal with Ultra-miniature Footprint
MMD Components
MMD Components
DN MMD-DN_13 Datasheet
158Kb / 2P
   Micro Miniature SM Crystal
Golledge Electronics Ltd
Golledge Electronics Lt...
CM8V03-T1A GOLLEDGE-CM8V03-T1A Datasheet
558Kb / 4P
   Ultra-Miniature Low Profile 32.768kHz SM Watch Crystal
CM9V-T1A GOLLEDGE-CM9V-T1A Datasheet
538Kb / 4P
   Ultra-Miniature 1610 Package 32.768kHz SM Watch Crystal
GSX-213 GOLLEDGE-GSX-213 Datasheet
595Kb / 5P
   Ultra-miniature SM Crystal for NFC, Smartcard etc
CM8V-T1A GOLLEDGE-CM8V-T1A Datasheet
560Kb / 4P
   Ultra-Miniature 2012 Package 32.768kHz SM Watch Crystal
GSX-228 GOLLEDGE-GSX-228 Datasheet
589Kb / 5P
   High Frequency Fundamental Mode Ultra-Miniature SM Crystal
GSX-2 GOLLEDGE-GSX-2_18 Datasheet
561Kb / 4P
   High Frequency Miniature SM Crystal
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz