Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3MC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # E3MC
Description  RGB Color Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

E3MC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  E3MC Datasheet HTML 1Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 2Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 3Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 4Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 5Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 6Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 7Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 8Page - List of Unclassifed Manufacturers E3MC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
E3MC
E3MC
 ACCESSORIES (ORDER SEPARATELY)
Item
Appearance
Description
Part number (length)
Sensor cable (2-m
cable is included with
the E3MC)
Replacement cable
E39-C1 (2M)
5-meter cable
E39-C1 (5M)
Mounting bracket
------
Used for die-cast body mounting
(See Note.)
E39-L114
------
Used for DIN-rail mounting
E39-L115
Note: Included with sensor.
Specifications
Type
Lensed
Precision fiber-optic type
General-purpose fiber-optic type
y
E3MC-A
1, E3MC-MA1
E3MC-X
1, E3MC-MX1
E3MC-Y
1, E3MC-MY1
Light source
Red (680 nm), green (525 nm), and blue (450 nm) LEDs
Sensing distance
60
±10 mm
20
±4mm
Varies with the recommended
fiber Refer to Engineering Data
Spot diameter
12 dia.
3dia.
fiber. Refer to Engineering Data
for details.
Supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
100 mA max.
Output
Load current: 100 mA max.
NPN open collector output with a maximum residual voltage of 1.2 V for the E3MC-(M)A11, E3MC-(M)X11,
and E3MC-(M)Y11.
PNP open collector output with a maximum residual voltage of 2.0 V for the E3MC-(M)A41, E3MC-(M)X41,
and E3MC-(M)Y41.
L.O./D.O., switch selectable
Response time
1-output model:
Standard mode: 3 ms max.
High-speed mode: 1 ms max. (switch selectable)
4-output model:
Standard mode: 6 ms max.
High-speed mode: 2 ms max. (switch selectable)
Timer function
40-ms OFF-delay timer (ON/OFF switch selectable)
Color detection
Four colors stored in teaching operation with manual threshold level adjustments.
Color detection mode
Mode C: RGB ratio detection; adapts to changes in conditions
Mode I: RGB light intensity detection; highest precision
Switch selectable
Mode selection
E3MC-
11/-41
Mode A (Factory-set)
Mode B (for remote teaching)
Output (white)
Not used (gray)
Bank selection input 1 (yellow)
Bank selection input 2 (green)
External synchronous input (pink)
VCC (brown)
0 V (blue)
Colors in parentheses are lead wire colors.
Output (white)
Answer-back output (gray)
Remote control input (yellow)
Not used (green)
External synchronous input (pink)
VCC (brown)
0 V (blue)
Colors in parentheses are lead wire colors.
E3MC-M
11/-M41
Mode A (Factory-set)
Mode B (for remote teaching)
Output 1 (white)
Output 2 (gray)
Output 3 (yellow)
Output 4 (green)
External synchronous input (pink)
VCC (brown)
0 V (blue)
Colors in parentheses are lead wire colors.
Output 1 (white)
Output 2 (gray)
Output 3 (yellow)
VCC (brown)
0 V (blue)
Colors in parentheses are lead wire colors.
Answer-back output (green)
Remote control input (pink)
3 outputs
(This table continues on the next page.)


Similar Part No. - E3MC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3M-V OMRON-E3M-V Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG11 OMRON-E3M-VG11 Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG12 OMRON-E3M-VG12 Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG16 OMRON-E3M-VG16 Datasheet
630Kb / 7P
   Great for Irregularities and Lamination
E3M-VG16 OMRON-E3M-VG16 Datasheet
1Mb / 12P
   Mark Sensor
More results

Similar Description - E3MC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
Hamamatsu Corporation
S9702 HAMAMATSU-S9702 Datasheet
95Kb / 2P
   Si photodiode RGB color sensor
S6428-01 HAMAMATSU-S6428-01 Datasheet
109Kb / 2P
   Si photodiode RGB color sensor
logo
Everlight Electronics C...
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8 Datasheet
620Kb / 11P
   Surface - Mount RGB Color Sensor
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02 Datasheet
69Kb / 2P
   Si photodiode RGB color sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com