Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DV200-27012S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DV200-27012S
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DV200-27012S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DV200-27012S Datasheet HTML 2Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 3Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 4Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 5Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 6Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 7Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 8Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 9Page - List of Unclassifed Manufacturers DV200-27012S Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DV200-27000S Series
15006DSA
7
OUTPUT VOLTAGE TRIM
+
-
+
-
2.5V
Ri
50
10K
50
15K
+V OUT
PIN 6
+S
PIN 7
TRIM
PIN 8
-S
PIN 9
OUT COM
PIN 10
(TRIM DOWN)
R-TRIM
(TRIM UP)
R-TRIM
The output voltage can be trimmed down by
connecting a resistor between the TRIM pin
(PIN 8) and the +V OUT pin (PIN 6), or can
be trimmed up by connecting a resistor
between the TRIM pin (PIN 8) and the OUT
COM pin (PIN 10). The maximum trim
range is +10% up and –20% down. The
appropriate resistor values versus the
output voltage are given in the trim table
below.
Figure 6 – Output Voltage Trim
DV200-2703R3S
DV200-27005S
DV200-27012S
DV200-27015S
DV200-27028S
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
3.60
68.3k
5.5
35k
13.2
5.8k
16.50
1.7k
30.5
1.9k
3.55
85k
5.4
47.5k
13.0
10k
16.25
5k
30
6.2k
3.50
110k
5.3
68.3k
12.8
16.2k
16.00
10k
29.5
13.2k
3.45
151.7k
5.2
110k
12.6
26.6k
15.75
18.3k
29
27.3k
3.40
235k
5.1
235k
12.4
47.3k
15.50
35k
28.5
69.7k
3.35
485k
5.0
-
12.2
109k
15.25
85k
28
-
3.30
-
4.9
225k
12.0
-
15.00
-
27.5
832k
3.25
135k
4.8
100k
11.8
454k
14.75
475k
27
400k
3.20
55k
4.7
58.3k
11.6
213k
14.50
225k
26.5
256k
3.15
28.3k
4.6
37.5k
11.4
134k
14.25
142k
26
184k
3.10
15k
4.5
25k
11.2
94k
14.00
100k
25.5
141k
3.05
7k
4.4
16.7k
11.0
70.1k
13.75
75k
25
112k
3.00
1.7k
4.3
10.7k
10.8
54.3k
13.50
58.3k
24.5
91.4k
4.2
6.3k
10.6
42.9k
13.25
46.4k
24
76k
4.1
2.8k
10.4
34.4k
13.00
37.5k
23.5
64k
4.0
0
10.2
27.8k
12.75
30.6k
23
54.4k
10.0
22.5k
12.50
25k
22.5
46.6k
9.8
18.2k
12.25
20.5k
9.6
14.6k
12.00
16.7k


Similar Part No. - DV200-27012S

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-27012S VPT-DV200-27012S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DV200-27012S

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVST2800T DELTA-DVST2800T Datasheet
260Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com