Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_S5T8702 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # DS_S5T8702
Description  FEEX ALPHANUMERIC DECODER II
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DS_S5T8702 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button DS_S5T8702 Datasheet HTML 2Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 3Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 4Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 5Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 6Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 7Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 8Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 9Page - Samsung semiconductor DS_S5T8702 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
S5T8702
FEEX
TM ALPHANUMERIC DECODER II
6
PIN DESCRIPTION
PIN NAME
PIN
TYPE
DESCRIPTION
Power
VDD
3,13
Power
VSS
7,29
Ground
LOBAT
10
I
Low battery detect input
Reset
RESET
24
I
Active low reset to the S5T8702.
External Symbol Input Signals
EXTS1
11
I
MSb of the symbol currently being decoded
EXTS0
12
I
LSb of the symbol currently being decoded
SPI Signals
SS
27
I
Slave Select for SPI communications
SCK
28
I
Serial Clock for SPI communications
MOSI
30
I
Data input for SPI communications
MISO
31
O
Three-state data output for SPI communications
READY
26
O
Driven low when the IC is ready for an SPI packet
Clock Signals
CLKOUT
32
O
38.4 kHz or 40kHz clock output(derived from oscillator)
SYMCLK
14
O
Recovered symbol clock
EXTAL
6
I
76.8 kHz or 160kHz crystal input or external input
XTAL
5
O
76.8 kHz or 160kHz clock output
OSCPD
2
I
Internal oscillator power down.
Connected to VSS when using internal oscillator.
Connected to VDD when using an external source.
Receiver Control Lines
S1 - S7
22,21,20,1
9,18,16,15
O
Seven three-state receiver control output
S0 / IFIN
23
O / I
S0 : Receiver control output when using external
demodulator
IFIN : Limited IF input when using internal demodulator
Test pins
TEST2, TEST3
4,8
I
IC manufacturing test mode pin.
Normally connected to VSS.
NC
1,9,17,25
O
IC manufacturing test mode on.
Normally connected to Vss. (Can be left unconnected.)


Similar Part No. - DS_S5T8702

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S5L1462B SAMSUNG-DS_S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
More results

Similar Description - DS_S5T8702

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5013 PHILIPS-PCD5013 Datasheet
270Kb / 76P
   FLEX roaming decoder II
1999 Apr 12
logo
Samsung semiconductor
S5T8701 SAMSUNG-S5T8701 Datasheet
506Kb / 70P
   FLEX ROAMING DECODER II
KS8701 SAMSUNG-KS8701 Datasheet
434Kb / 73P
   FLEXTM Roaming Decoder II
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
logo
New Japan Radio
NJU26203 NJRC-NJU26203 Datasheet
209Kb / 11P
   Dolby Pro Logic II Decoder
logo
Integrated Device Techn...
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com