Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C387AVJD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C387AVJD
Description  Dual Pixel LVDS Display Interface / FPD-Link
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387AVJD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90C387AVJD Datasheet HTML 1Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 2Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 3Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 4Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 5Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 6Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 7Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 8Page - National Semiconductor (TI) DS90C387AVJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to +5.5V
CMOS/TTL Output
Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input
Voltage
−0.3V to +3.6V
LVDS Driver Output
Voltage
−0.3V to +3.6V
LVDS Output Short
Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Maximum Package Power Dissipation Capacity @ 25˚C
100 TQFP Package:
DS90C387A
2.8W
DS90CF388A
2.8W
Package Derating:
DS90C387 A
18.2mW/˚C above +25˚C
DS90CF388 A
18.2mW/˚C above +25˚C
ESD Rating:
DS90C387A
(HBM, 1.5k
Ω, 100pF)
> 6kV
(EIAJ, 0
Ω, 200pF)
> 300 V
DS90CF388A
(HBM, 1.5k
Ω, 100pF)
> 2kV
(EIAJ, 0
Ω, 200pF)
> 200 V
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−10
+25
+70
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
p-p
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS (Tx inputs, Rx outputs, control inputs and outputs)
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
OH
High Level Output Voltage
I
OH = −0.4 mA
2.7
2.9
V
I
OH = −2 mA
2.7
2.85
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.1
0.3
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN = 0.4V, 2.5V or VCC
+1.8
+15
µA
V
IN = GND
−15
0
µA
I
OS
Output Short Circuit Current
V
OUT = 0V
−120
mA
LVDS DRIVER DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100
250
345
450
mV
∆V
OD
Change in V
OD between
Complimentary Output States
35
mV
V
OS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Change in V
OS between
Complimentary Output States
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100
−3.5
−10
mA
I
OZ
Output TRI-STATE® Current
PD = 0V, V
OUT =0VorVCC
±1
±10
µA
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
www.national.com
3


Similar Part No. - DS90C387AVJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387AVJD/NOPB TI1-DS90C387AVJD/NOPB Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
More results

Similar Description - DS90C387AVJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
   Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com