Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1086L Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. DS1086L
Description  3.3V Spread-Spectrum EconOscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086L Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1086L Datasheet HTML 3Page - Maxim Integrated Products DS1086L Datasheet HTML 4Page - Maxim Integrated Products DS1086L Datasheet HTML 5Page - Maxim Integrated Products DS1086L Datasheet HTML 6Page - Maxim Integrated Products DS1086L Datasheet HTML 7Page - Maxim Integrated Products DS1086L Datasheet HTML 8Page - Maxim Integrated Products DS1086L Datasheet HTML 9Page - Maxim Integrated Products DS1086L Datasheet HTML 10Page - Maxim Integrated Products DS1086L Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3.3V Spread-Spectrum EconOscillator
______________________________________________________________________
7
POWER-DOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
1.62
1.64
1.44
-40
85
SUPPLY CURRENT WITH OUTPUT
DISABLED vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2.7
3.6
fO = 66MHz
SUPPLY CURRENT WITH OUTPUT
DISABLED vs. TEMPERATURE
SUPPLY VOLTAGE (V)
60
35
10
-15
2.3
2.4
2.5
2.6
2.7
2.2
-40
85
fO = 66MHz
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = 25°C, unless otherwise noted.)
POWER-DOWN CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.0
3.3
1.1
1.2
1.3
1.4
1.6
1.5
1.7
1.8
1.0
2.7
3.6


Similar Part No. - DS1086L

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
   DS1086LPMB1 Peripheral Module
Rev 0; 5/12
DS1086LU MAXIM-DS1086LU Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1086LU MAXIM-DS1086LU Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086LU++ MAXIM-DS1086LU+ Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
More results

Similar Description - DS1086L

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
Dallas Semiconductor
Dallas Semiconductor
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Maxim Integrated Products
Maxim Integrated Produc...
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
Dallas Semiconductor
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
Maxim Integrated Products
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz