Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DL-2DFC-E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D4DL-2DFC-E
Description  Compact Guard-locking Interlock Safety Door Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D4DL-2DFC-E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D4DL-2DFC-E Datasheet HTML 1Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 2Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 3Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 4Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DL-2DFC-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
D4DL
D4DL
3
Specifications
Approved Standard Ratings
TÜV (EN60947-5-1)
Item
LED type
Neon lamp
type
Utilization category
AC-15
AC-15
Rated operating current (Ie)
6 A
3 A
Rated operating voltage (Ue)
115 V
250 V
Note:
Use a 10-A fuse type gI or gG as a short-circuit protection device that conforms to IEC269.
UL/CSA (UL508, CSA C22.2 No. 14)
A300
Rated voltage
Carry current
Current (A)
Voltage
a ed o age
Ca y cu e
Make
Break
Make
Break
120 VAC
10A
60
6
7,200
720
240 VAC
0
30
3
,00
0
Characteristics
Degree of protection (see note 2)
IP65 (EN60947-5-1)
Life expectancy (see note 3)
Mechanical:1,000,000 times min.
Electrical:
500,000 times min.
Operating speed
0.05 to 0.5 m/s
Operating frequency
30 operations/minute max.
Rated frequency
50/60 Hz
Positive opening force (see note 4)
58.84 N {6 kgf} min. (EN60947-5-1)
Positive opening travel (see note 4)
10 mm min. (EN60947-5-1)
Holding force
500 N {51 kgf} min. (GS-ET-19)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Rated insulation voltage (Ui)
300 V (EN60947-5-1)
Conventional enclosed thermal current
(Ithe)
10 A (EN60947-5-1)
Rated impulse voltage (Uimp)
Between terminals of same or different polarity, each terminal and ground, and each
terminal and non-current-carrying metal part: 4 kV
Between the solenoid and non-current-carrying metal part: 0.8 kV for 24 VDC solenoid,
2.5 kV for 110 VAC solenoid, and 4 kV for 230 VAC solenoid (EN60947-5-1)
Conditional short-circuit current
100 A (EN60947-5-1)
Pollution degree (operating environment)
3 (EN60947-5-1)
Protection against electric shock
Class II (double insulation)
Switching overvoltage
1,500 V max. (EN60947-5-1)
Contact resistance
25 m
Ω max. (initial value)
Vibration resistance
Malfunction:10 to 55 Hz, 0.75-mm single amplitude
Shock resistance
Mechanical:1,000 m/s2 (100G) min.
Malfunction:300 m/s2 (30G) min.
Ambient temperature
Operating: –10
°C to 55°C with no icing
Ambient humidity
Operating: 95% max.
Weight
Approx. 340 g (D4DL-1CFA-B)
Material
Body and actuator flange
Glass-fiber reinforced thermoplast, self-extinguishing
ae a
Actuator
Stainless steel
Note:
1. The above values are initial values.
2. Although the switch box is protected from dust or water penetration, do not use the D4DL in places where foreign material may
penetrate through the key hole on the head, otherwise switch damage or malfunctioning may occur.
3. The above mechanical or electrical life is ensured at an ambient temperature of 5
°C to 35°C and an ambient humidity of 40% to 70%.
4. These values must be satisfied to ensure safe operation.


Similar Part No. - D4DL-2DFC-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DL-2DFC-EW OMRON-D4DL-2DFC-EW Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DL-2DFC-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
   Safety Key Interlock Switch
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
   DOOR INTERLOCK PLATE FOR CAM SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com