Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7106 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICL7106
Description  31/2 Digit, LCD/LED Display, A/D Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7106 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICL7106 Datasheet HTML 7Page - Renesas Technology Corp ICL7106 Datasheet HTML 8Page - Renesas Technology Corp ICL7106 Datasheet HTML 9Page - Renesas Technology Corp ICL7106 Datasheet HTML 10Page - Renesas Technology Corp ICL7106 Datasheet HTML 11Page - Renesas Technology Corp ICL7106 Datasheet HTML 12Page - Renesas Technology Corp ICL7106 Datasheet HTML 13Page - Renesas Technology Corp ICL7106 Datasheet HTML 14Page - Renesas Technology Corp ICL7106 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ICL7106, ICL7107, ICL7107S
FN3082 Rev 9.00
Page 11 of 17
October 24, 2014
Typical Applications
The ICL7106 and ICL7107 may be used in a wide variety of
configurations. The circuits which follow show some of the
possibilities, and serve to illustrate the exceptional versatility of
these A/D converters.
The following application notes contain very useful information
on understanding and applying this part and are available from
Intersil Corporation.
Application Notes
NOTE #
DESCRIPTION
AN016 “Selecting A/D Converters”
AN017 “The Integrating A/D Converter”
AN018 “Do’s and Don’ts of Applying A/D Converters”
AN023 “Low Cost Digital Panel Meter Designs”
AN046 “Building a Battery-Operated Auto Ranging DVM with the ICL7106”
AN052 “Tips for Using Single Chip 31/2 Digit A/D Converters”
AN9609 “Overcoming Common Mode Range Issues When Using Intersil
Integrating Converters”
Typical Applications
FIGURE 11. ICL7106 USING THE INTERNAL REFERENCE
FIGURE 12. ICL7107 USING THE INTERNAL REFERENCE
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
TO PIN 1
SET VREF
= 100mV
0.1µF
0.01µF
1MΩ
100kΩ
1kΩ
22kΩ
IN
+
-
9V
47kΩ
0.22µF
0.47µF
TO BACKPLANE
TO DISPLAY
Values shown are for 200mV full scale, 3 readings/sec., floating supply
voltage (9V battery).
+
-
Values shown are for 200mV full scale, 3 readings/sec. IN LO may be
tied to either COMMON for inputs floating with respect to supplies, or
GND for single ended inputs. (See discussion in “Analog COMMON” on
page 7.)
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
GND
100pF
TO PIN 1
SET VREF
= 100mV
0.1µF
0.01µF
1MΩ
100kΩ
1kΩ
22kΩ
IN
+
-
47kΩ
0.22µF
0.47µF
TO DISPLAY
+5V
-5V


Similar Part No. - ICL7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106_V01 Datasheet
3Mb / 14P
   31?? Digit A/D Converters
2012
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com