Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS-30PC-1-AS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DMS-30PC-1-AS
Description  3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-30PC-1-AS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DMS-30PC-1-AS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-30PC-1-AS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-30PC-1-AS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-30PC-1-AS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-30PC-1-AS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-30PC-1-AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
Data sheet fax back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
®®
ISO 9001
ISO 9001
REGISTERED
DMS-30PC
3 ½
DIGIT ,
LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES: 2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
LEAD DIMENSIONS: 0.025 (0.635) x 0.025 (0.635) NOMINAL
RECOMMENDED PC BOARD FINISHED HOLE DIAMETER:
0.042 ±0.003 (1.067 ±0.076)
Mechanical Specifications
DS-0258D
1/98
BEZEL INSTALLATION
PANEL
BEZEL
RETAINING CLIP INSTALLATION
PANEL
#2-56 INSERT
0.156 (3.96) DEEP
FRONT VIEW
1.270
(32.26)
0.187
(4.75)
OPTIONAL BEZEL (DMS-BZL1 and DMS-BZL2)
2.35 (59.69)
2.118 (53.80)
0.093 (2.362) DIAMETER (4 REQUIRED)
ONLY WHEN USING OPTIONAL BEZEL ASSEMBLY
RECOMMENDED DRILL AND PANEL CUTOUT DIMENSIONS
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
1.07
(27.18)
0.878
(22.30)
0.096
(2.44)
0.116
(2.95)
2.55 (64.77)
PANEL CUTOUT
PI N # 1
I D E N TI FI E R
FR O N T V I E W
+ 5 V SU PPL Y
D I SPL AY T EST
5 V RE T U RN
DP 3
DP 2
DP 1
1
2
3
4
5
6
12
11
10
9
8
7
(– ) I N P U T L O
(+ ) I N P U T H I
AN AL O G C O M M O N
+ 1 . 2 3 V RE F E RE NCE O U T
RE F E RE NCE O U T
RE F E RE NCE I N
DP 1
DP 2
DP 3
2. 17
( 55. 1)
2. 09
( 53. 1)
1. 80
( 45. 7)
0. 25 ( 6 . 4 ) T Y P .
0. 15
(3 . 7 )
TY P .
0. 040
( 1 . 02)
0. 040
( 1 . 02)
0. 10
(2 . 5 )
TY P .
0. 50
( 12. 7)
0. 17
(4 . 3 )
TY P .
0. 92
( 23. 4)
0. 84
( 21. 3)
0. 560
( 14. 22)
0. 040
( 1 . 02)
0. 250
( 6 . 35)
0. 260
( 6 . 60)
PI N 1
CAL I BRAT I O N P O T E NT I O M E T E R HO L E L O CAT I O N
0. 125 ( 3 . 1 75) D I A M E T E R
( U SE O N L Y W H EN PC BO AR D M O U N T I N G )


Similar Part No. - DMS-30PC-1-AS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30PC-1-AS-C MURATA-PS-DMS-30PC-1-AS-C Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
More results

Similar Description - DMS-30PC-1-AS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
   3-1/2 Digit Miniature Digital Panel Meter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com