Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC1500 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DMC1500
Description  versatile digital motor controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMC1500 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DMC1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 7Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 8Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 9Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 10Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 11Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 12Page - List of Unclassifed Manufacturers DMC1500 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
Spectrum Digital, Inc
1-2
DMC1500 Technical Reference
1.0 Overview of the DMC1500
The DMC1500 is versatile digital motor controller that allows motor controller designers
examine certain characteristics of the TMS320F240, TMS320F243, and
TMS320LF2407 Digital Signal Processors (DSPs) to determine if one of these DSPs
meets their application requirements. Furthermore, the module is an excellent platform
to develop and run motor control software for the TMS320F240, TMS320F243, or
TMS320LF2407 processor.
The DMC1500 uses a F240, F243, LF2407 DSP Starter Kit (DSK) or eZdspTM LF2407
board as the computer engine to run algorithms. The DMC1500 along with a DSK or
eZdsp allows full speed verification of F24xx code.
Code development for the DMC can be done in two ways;
• Use the serial interface on the DMC with the symbolic assembler and
debugger that comes with the DSK, or JTAG Port on the eZdspTM LF2407.
• Use the XDS510PP PLUS JTAG emulator from Spectrum Digital, with the
compiler/assembler/linker and Code Composer from Texas Instruments.
Note: It is recommended to use the SPI110 Opto Pod during development
for safety from high voltages
1.1 Key Features of the DMC1500
The DMC1500 has the following features:
• Compatible with the F240, F243, LF2407 DSKs, or eZdsp LF2407 from
Spectrum Digital
• Allows development of algorithms for AC Induction, DC Brushless (-0001), or
Switched Reluctance Motors (-0002)
• Rated for Bus voltages of 350VDC
• Rated current is 5 amps continuous and 10 amps peak
• Onboard control power supply (115-230 VAC)
• Onboard bus supply (Bridge + Capacitors + Voltage Doubler)
• Optically isolated digital I/O
• Optically isolated RS-232 port
• Optically isolated CAN interface
• Onboard Power Factor Correction Logic


Similar Part No. - DMC1500

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1015UPD DIODES-DMC1015UPD Datasheet
507Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET POWERDI
DMC1015UPD-13 DIODES-DMC1015UPD-13 Datasheet
507Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET POWERDI
DMC1016UPD DIODES-DMC1016UPD Datasheet
510Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1016UPD-13 DIODES-DMC1016UPD-13 Datasheet
510Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1017UPD BCDSEMI-DMC1017UPD Datasheet
627Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC1500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1050 AD-ADP1050 Datasheet
1Mb / 93P
   Versatile digital voltage mode controller
logo
Fairchild Semiconductor
FAN7554 FAIRCHILD-FAN7554_03 Datasheet
990Kb / 22P
   Versatile PWM Controller
FAN7554 FAIRCHILD-FAN7554 Datasheet
1,006Kb / 22P
   Versatile PWM Controller
logo
ON Semiconductor
FAN7554 ONSEMI-FAN7554 Datasheet
1Mb / 21P
   Versatile PWM Controller
Rev. 4.1
logo
BCD Semiconductor Manuf...
AP3103 BCDSEMI-AP3103 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
logo
Linear Technology
LTC1436-PLL LINER-LTC1436-PLL Datasheet
280Kb / 12P
   Synchronous Buck Converter with Versatile Frequency Controller
logo
List of Unclassifed Man...
BIDIR-115D ETC2-BIDIR-115D Datasheet
67Kb / 6P
   15 Amp Bidirectional Digital PWM Motor Speed Controller
logo
Festo Corporation.
CMMP-AS-C5-3A-M3 FESTO-CMMP-AS-C5-3A-M3 Datasheet
76Kb / 2P
   Motor controller
CMMP-AS-C15-11A-P3-M3 FESTO-CMMP-AS-C15-11A-P3-M3 Datasheet
74Kb / 2P
   Motor controller
CMMO-ST-C5-1-LKP FESTO-CMMO-ST-C5-1-LKP Datasheet
79Kb / 2P
   Motor controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com