Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3225E Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICL3225E
Description  짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3225E Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICL3225E Datasheet HTML 12Page - Renesas Technology Corp ICL3225E Datasheet HTML 13Page - Renesas Technology Corp ICL3225E Datasheet HTML 14Page - Renesas Technology Corp ICL3225E Datasheet HTML 15Page - Renesas Technology Corp ICL3225E Datasheet HTML 16Page - Renesas Technology Corp ICL3225E Datasheet HTML 17Page - Renesas Technology Corp ICL3225E Datasheet HTML 18Page - Renesas Technology Corp ICL3225E Datasheet HTML 19Page - Renesas Technology Corp ICL3225E Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ICL3225E, ICL3227E, ICL3245E
FN4900 Rev 12.00
Page 16 of 22
December 12, 2016
Die Characteristics
MSUBSTRATE POTENTIAL (POWERED UP)
GND
TRANSISTOR COUNT
ICL3225E: 937
ICL3227E: 825
ICL3245E: 1109
PROCESS
Si Gate CMOS
FIGURE 22. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN
TRANSMITTING DATA
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves V
CC = 3.3V, TA = +25°C (Continued)
10
20
30
40
50
80
60
70
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
120kbps
1Mbps
250kbps
90
ICL3245E
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1.0
1.5
2.0
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
NO LOAD
ALL OUTPUTS STATIC


Similar Part No. - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ICL3225E INTERSIL-ICL3225E Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
ICL3225ECA INTERSIL-ICL3225ECA Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com