Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD-6409 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD-6409
Description  CMOS Manchester Encoder-Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD-6409 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD-6409 Datasheet HTML 2Page - Renesas Technology Corp HD-6409 Datasheet HTML 3Page - Renesas Technology Corp HD-6409 Datasheet HTML 4Page - Renesas Technology Corp HD-6409 Datasheet HTML 5Page - Renesas Technology Corp HD-6409 Datasheet HTML 6Page - Renesas Technology Corp HD-6409 Datasheet HTML 7Page - Renesas Technology Corp HD-6409 Datasheet HTML 8Page - Renesas Technology Corp HD-6409 Datasheet HTML 9Page - Renesas Technology Corp HD-6409 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD-6409
FN2951 Rev 4.00
Page 6 of 15
October 1, 2015
Manchester Code
Nonreturn-to-Zero (NRZ) code represents the binary values
logic-O and Iogic-1 with a static level maintained throughout
the data cell. In contrast, Manchester code represents data
with a level transition in the middle of the data cell.
Manchester has bandwidth, error detection, and
synchronization advantages over NRZ code.
The Manchester II code Bipolar One and Bipolar Zero shown
below are logical complements. The direction of the
transition indicates the binary value of data. A logic-0 in
Bipolar One is defined as a Low to high transition in the
middle of the data cell, and a logic-1 as a high to low mid bit
transition, Manchester Il is also known as Biphase-L code.
The bandwidth of NRZ is from DC to the clock frequency fc/2,
while that of Manchester is from fc/2 to fc. Thus, Manchester
can be AC or transformer coupled, which has considerable
advantages over DC coupling. Also, the ratio of maximum to
minimum frequency of Manchester extends one octave, while
the ratio for NRZ is the range of 5 to 10 octaves. It is much
easier to design a narrow band than a wideband amp.
Secondly, the mid bit transition in each data cell provides the
code with an effective error detection scheme. If noise
produces a logic inversion in the data cell such that there is
no transition, an error indiction is given, and synchronization
must be re-established. This places relatively stringent
requirements on the incoming data.
The synchronization advantages of using the HD-6409 and
Manchester code are several fold. One is that Manchester is
a self clocking code. The clock in serial data communication
defines the position of each data cell. Non self clocking
codes, as NRZ, often require an extra clock wire or clock
track (in magnetic recording). Further, there can be a phase
variation between the clock and data track. Crosstalk
between the two may be a problem. In Manchester, the
serial data stream contains both the clock and the data, with
the position of the mid bit transition representing the clock,
and the direction of the transition representing data. There is
no phase variation between the clock and the data.
A second synchronization advantage is a result of the
number of transitions in the data. The decoder
resynchronizes on each transition, or at least once every
data cell. In contrast, receivers using NRZ, which does not
necessarily have transitions, must resynchronize on frame
bit transitions, which occur far less often, usually on a
character basis. This more frequent resynchronization
eliminates the cumulative effect of errors over successive
data cells. A final synchronization advantage concerns the
HD-6409’s sync pulse used to initiate synchronization. This
three bit wide pattern is sufficiently distinct from Manchester
data that a false start by the receiver is unlikely.
FIGURE 4. MANCHESTER CODE
BIT PERIOD
BINARY CODE
NONRETURN
TO ZERO
BIPOLAR ONE
BIPOLAR ZERO
12
3
4
5
01
1
0
0
Crystal Oscillator Mode
FIGURE 5. CRYSTAL OSCILLATOR MODE
LC Oscillator Mode
FIGURE 6. LC OSCILLATOR MODE
IX
OX
X1
R1
C0
16MHz
C1
C1
CO
C1 = 32pF
C0 = CRYSTAL + STRAY
X1 = AT CUT PARALLEL
RESONANCE
FUNDAMENTAL
MODE
RS (TYP) = 30
R1 = 15M
C1
C1
L
CE
C1 2C0
2
--------------------------
fO
1
2
 LCe
-----------------------
C1 = 20pF
C0 = 5pF
IX
OX


Similar Part No. - HD-6409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-6409 INTERSIL-HD-6409 Datasheet
269Kb / 14P
   CMOS Manchester Encoder-Decoder
HD-6409 INTERSIL-HD-6409 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
HD-6409/883 INTERSIL-HD-6409/883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
More results

Similar Description - HD-6409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com