Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DL-1DFC-B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # D4DL-1DFC-B
Description  Compact Guard-locking Interlock Safety Door Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D4DL-1DFC-B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button D4DL-1DFC-B Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 9Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 10Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 11Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 12Page - List of Unclassifed Manufacturers D4DL-1DFC-B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
D4DL
D4DL
9
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Switch
D4DL-
jjjj-j
Four, head mounting screw
Pre-travel distance
Three, 4.3-dia. holes
Indicator
Three, cover
counting
screws
Conduit cap
Release key
Conduit opening
Operating characteristics
Model
Key insertion force
14.71 N {1,500 gf} max.
Key extraction force
29.42 N {3,000 gf} max.
Pre-travel distance
9 mm max.
Movement before being locked
3 mm min.
Operation Key
D4DS-K1
Horizontal Mounting
Four, R2.15
D4DS-K2
Vertical Mounting
Four, R2.15
D4DS-K3
Horizontal-adjustable Vertical Mounting
9 dia.
4.5 dia.
8 dia.
Note:
Each dimension has a tolerance of
±0.4 mm unless otherwise specified.
D4DS-K5
Horizontal/Vertical-adjustable Vertical Mounting
18
°
Two, M4
9±0.1
41±0.1
43±0.1
Mounting Holes


Similar Part No. - D4DL-1DFC-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DL-1DFC-EW OMRON-D4DL-1DFC-EW Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DL-1DFC-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
   Safety Key Interlock Switch
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
   DOOR INTERLOCK PLATE FOR CAM SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com