Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1018V33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1018V33
Description  128K x 8 Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1018V33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1018V33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1018V33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1018V33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1018V33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1018V33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1018V33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1018V33 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
128K x 8 Static RAM
CY7C1018V33
CY7C1019V33
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
October 18, 1999
3
Features
• High speed
—tAA = 10 ns
• CMOS for optimum speed/power
• Center power/ground pinout
• Automatic power-down when deselected
• Easy memory expansion with CE and OE options
Functional Description
The CY7C1018V33/CY7C1019V33 is a high-performance
CMOS static RAM organized as 131,072 words by 8 bits. Easy
memory expansion is provided by an active LOW Chip Enable
(CE), an active LOW Output Enable (OE), and three-state driv-
ers. This device has an automatic power-down feature that
significantly reduces power consumption when deselected.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. Data on the eight I/O
pins (I/O0 through I/O7) is then written into the location speci-
fied on the address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing Write
Enable (WE) HIGH. Under these conditions, the contents of
the memory location specified by the address pins will appear
on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), or during a write
operation (CE LOW, and WE LOW).
The CY7C1018V33 is available in a standard 300-mil-wide
SOJ
and
CY7C1019V33
is
available
in
a
standard
400-mil-wide
package.
The
CY7C1018V33
and
CY7C1019V33 are functionally equivalent in all other re-
spects.
Logic Block Diagram
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
I/O1
I/O2
I/O3
512 x 256 x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
SOJ
12
13
29
32
31
30
16
15
17
18
A7
A1
A2
A3
CE
I/O0
I/O1
VCC
A13
A16
A15
OE
I/O7
I/O6
A12
A11
A10
A9
I/O2
A0
A4
A5
A6
I/O4
VCC
I/O5
A8
I/O3
WE
VSS
A14
1019V33–1
1019V33–2
V
SS
Selection Guide
7C1019V33-10
7C1018V33-12
7C1019V33-12
7C1018V33-15
7C1019V33-15
Maximum Access Time (ns)
10
12
15
Maximum Operating Current (mA)
175
160
145
Maximum Standby Current (mA)
5
5
5
L
0.5
0.5


Similar Part No. - CY7C1018V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1018V33-10VC CYPRESS-CY7C1018V33-10VC Datasheet
258Kb / 9P
   128K x 8 Static RAM
More results

Similar Description - CY7C1018V33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com