Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09159 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C09159
Description  8K/16K x 9 Synchronous Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09159 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C09159 Datasheet HTML 1Page - Cypress Semiconductor CY7C09159 Datasheet HTML 2Page - Cypress Semiconductor CY7C09159 Datasheet HTML 3Page - Cypress Semiconductor CY7C09159 Datasheet HTML 4Page - Cypress Semiconductor CY7C09159 Datasheet HTML 5Page - Cypress Semiconductor CY7C09159 Datasheet HTML 6Page - Cypress Semiconductor CY7C09159 Datasheet HTML 7Page - Cypress Semiconductor CY7C09159 Datasheet HTML 8Page - Cypress Semiconductor CY7C09159 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C09159
CY7C09169
PRELIMINARY
5
Note:
4.
CEL and CER are internal signals. To select either the left or right port, both CE0 AND CE1 must be asserted to their active states (CE0 ≤ VIL and CE1 ≥ VIH).
Electrical Characteristics Over the Operating Range
Symbol
Parameter
CY7C09159
CY7C09169
Units
-6
-7
-12
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage (VCC=Min,
IOH=–4.0 mA)
2.4
2.4
2.4
V
VOL
Output LOW Voltage (VCC=Min,
IOH= +4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IOZ
Output Leakage Current
−10
10
−10
10
−10
10
µA
ICC
Operating Current
(VCC=Max, IOUT=0 mA)
Outputs Disabled
Com’l.
250
450
235
420
195
300
mA
Indust.
260
445
225
375
mA
ISB1
Standby Current (Both
Ports TTL Level)[4] CEL &
CER ≥ VIH, f=fMAX
Com’l.
45
115
40
105
30
85
mA
Indust.
55
120
45
100
mA
ISB2
Standby Current (One Port
TTL Level)[4] CEL | CER
VIH, f=fMAX
Com’l.
175
235
160
220
125
190
mA
Indust.
175
235
140
205
mA
ISB3
Standby Current (Both
Ports CMOS Level)[4] CEL
& CER ≥ VCC – 0.2V, f=0
Com’l.
0.05
0.25
0.05
0.25
0.05
0.25
mA
Indust.
0.05
0.25
0.05
0.25
mA
ISB4
Standby Current (One Port
CMOS Level)[4] CEL | CER
≥ V
IH, f=fMAX
Com’l.
160
200
145
185
110
150
mA
Indust.
160
200
125
165
mA
Capacitance
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
AC Test Loads
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 893
5V
OUTPUT
R2 = 347
C= 30 pF
VTH =1.4V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 893
R2 = 347
5V
OUTPUT
C= 5 pF
RTH =250Ω
(Used for tCKLZ, tOLZ, & tOHZ
including scope and jig)


Similar Part No. - CY7C09159

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-12AC CYPRESS-CY7C09159A-12AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-6AC CYPRESS-CY7C09159A-6AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-7AC CYPRESS-CY7C09159A-7AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A-9AC CYPRESS-CY7C09159A-9AC Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09159

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_05 Datasheet
499Kb / 16P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com