Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI102BR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CPCI102BR
Description  CompactPCI Backplane Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CPCI102BR Datasheet(HTML) 1 Page - California Micro Devices Corp

  CPCI102BR Datasheet HTML 1Page - California Micro Devices Corp CPCI102BR Datasheet HTML 2Page - California Micro Devices Corp CPCI102BR Datasheet HTML 3Page - California Micro Devices Corp CPCI102BR Datasheet HTML 4Page - California Micro Devices Corp CPCI102BR Datasheet HTML 5Page - California Micro Devices Corp CPCI102BR Datasheet HTML 6Page - California Micro Devices Corp CPCI102BR Datasheet HTML 7Page - California Micro Devices Corp CPCI102BR Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
02/28/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CMCPCI102B
CompactPCI® Backplane Interface
Features
CompactPCI® standards compliant
Allows CompactPCI System Cards to be
used in any Slot
Provides termination for up to ten channels
Provides a series switch in each channel
Supports hot-swap capability
Very low capacitance load on each line
Industrial temperature range
28-pin TSSOP package
Lead-free version available
Applications
Redundant System CompactPCI® cards
Hot-swap CompactPCI cards
Industrial PCs
Telecom/Datacom equipment
Instrumentation
Computer Telephony
Real-time machine control
Product Description
The CMCPCI102BT/BR is a 10-channel backplane
interface/termination IC specifically designed for Com-
pactPCI
redundant
system-slot
cards.
The
CMCPCI102BT/BR allows CompactPCI boards to
interface to the backplane and provides the versatility
to use system cards in any slot (system or peripheral).
Per the CompactPCI specification, the CMCPCI102BT/
BR provides a 10
Ω termination resistor for each chan-
nel to terminate the transmission line stub on the
board. An integral series switch and associated control
signal (SW_EN) permits connection/disconnection of
the channel, so that the device side of the circuit may
be isolated from the backplane side.
The CompactPCI standard requires system boards to
be hot-swappable. To accommodate this requirement,
the CMCPCI102BT/BR features a switched 10k
Ω resis-
tor connected to the 1V Precharge Supply Voltage. If
the precharge enable pin (P_EN) is asserted, then the
10k
Ω pull-up resistors are connected to precharge the
circuits.
In addition, a system board requirement mandates
either a 1.0k
Ω pull-up resistor or a 2.7kΩ resistor con-
nected to VIO. CompactPCI slot cards must work in
either 3.3V or 5V systems, hence the need for both
2.7k
Ω and 1kΩ resistors. If the 3_EN pin is logic high,
the 2.7k
Ωresistor is used as the pull-up. If the 5_EN pin
is logic high, the 1k
Ω resistor is used.
The CMCPCI102BT/BR integrates all these functions in
a low-profile 28-pin TSSOP package and is available
with optional lead-free finishing.
Simplified Electrical Schematic
*One of 10 parallel
channels is shown.
1V
5_EN
3_EN
VIO
B1-B10*
A1-A10*
CompactPCI Device Side
Backplane Side
P_EN
SW_EN
For all Enable signals:
Logic 0 = switch open
Logic 1 = switch closed
RS
10
RPU1
10k
SWPU1
SWPU2
SWPU3
RPU2
2.7k
RPU3
1k
SWS


Similar Part No. - CPCI102BR

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-154-1203 SLPOWER-CPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - CPCI102BR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102A CALMIRCO-CMCPCI102A Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
CMCPCI101 CALMIRCO-CMCPCI101 Datasheet
216Kb / 7P
   CompactPCI Backplane Interface / Termination IC
logo
Adlink Technology Inc.
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
   3U CompactPCI Subsystem with 8-slot Backplane
logo
List of Unclassifed Man...
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
   3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
logo
Advantech Co., Ltd.
MIC-3001 ADVANTECH-MIC-3001 Datasheet
188Kb / 2P
   4U CompactPCI Enclosure with 8 slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
logo
List of Unclassifed Man...
CPCIS-ET2600 ETC2-CPCIS-ET2600 Datasheet
542Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
CPCIS-2633 ETC2-CPCIS-2633 Datasheet
564Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
   CompactPCI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com