Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P5104-9 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA9P5104-9
Description  Dual and Quad, 8MHz, Low Noise Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA9P5104-9 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA9P5104-9 Datasheet HTML 4Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 5Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 6Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 7Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 8Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 9Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 10Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 11Page - Renesas Technology Corp HA9P5104-9 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HA-5102, HA-5104
FN2925 Rev 9.00
Page 8 of 13
October 26, 2004
FIGURE 18. OUTPUT SHORT CIRCUIT CURRENT vs TIME
FIGURE 19. CMRR vs FREQUENCY
FIGURE 20. PSRR vs FREQUENCY
FIGURE 21. UNITY GAIN FREQUENCY RESPONSE
FIGURE 22. OPEN LOOP GAIN vs FREQUENCY
FIGURE 23. SMALL SIGNAL OVERSHOOT vs CLOAD
Typical Performance Curves (Continued)
TIME (SECONDS)
0200
450
400
350
300
250
150
100
50
20
25
30
35
40
45
VS = 15V, TA = 25oC
VOUT = +15V
VOUT = -15V
1K
1M
100K
10K
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
+PSRR
FREQUENCY (Hz)
1M
100K
10K
1K
-100
-80
-60
-40
-20
0
-PSRR
-55oC
FREQUENCY (Hz)
40M
10M
1M
100K
GAIN
-55oC
PHASE
125oC
PHASE
125oC
GAIN
-24
-18
-12
-6
0
6
10K
-225
-135
-45
45
135
225
0
VS = 15V, RL = 2k, CL = 50pF
-3
FREQUENCY (Hz)
1M
100K
10K
1K
10M
100M
100
180
135
90
45
0
100
80
60
40
20
0
120
VS = 15V, TA = 25oC,
RL = 2k, CL = 50pF
GAIN
PHASE
LOAD CAPACITANCE (pF)
10
100
1K
10K
0
10
20
30
40
50
60
VS = 15V, TA = 25oC, RL = 2k


Similar Part No. - HA9P5104-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5104-9 INTERSIL-HA9P5104-9 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
HA9P5104-9 INTERSIL-HA9P5104-9 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results

Similar Description - HA9P5104-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com