Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3702-50DE Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CM3702-50DE
Description  Micropower Low-Noise Charge-Pump and Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3702-50DE Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button CM3702-50DE Datasheet HTML 3Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 4Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 5Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 6Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 7Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 8Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 9Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 10Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CALIFORNIA MICRO DEVICES
PRELIMINARY
CM3702
© 2004 California Micro Devices Corp. All rights reserved
09/22/04
430 N. McCarthy Blvd, #100, Milpitas, California 95035
Tel: (408) 263-3214 Fax: (408) 263-7846
www.calmicro.com
9
The MSOP-10 package heats at a rate of about 200
°C/W (θJA). (Note that this value is approximate because it depends
upon the copper tracks and ground planes on the pcb.) If V_IN = 5V and I_OUT = 100mA then the power dissipation will
be approximately 500mW. Multiplying this by the θJA of 200, the part’s internal temperature will be about 100
°C higher
than the ambient temperature. If the ambient temperature is 70
°C then the internal temperature will be approximately
170
°C which will typically trigger the overtemperature circuit and depower the part.
Internal temperature = Ambient temperature + ( θJA * Power dissipation )
(Must be less than 170
°C)
Note that the evaluation pcb has a θJA of less than 150
°C/W, based upon measured performance.
How to reduce the power dissipation of the part, and how to get more than 100mA
If V_IN = 5V typ., then the charge pump / LDO combination is capable of providing more than 100mA. The only problem
is power dissipation.
If the input voltage is lowered using an external diode then the output current can be increased without causing the part to
overheat:
Using this circuit I_OUT can be 200mA if V_IN = 4.75V, and yet the part will not overheat even if V_IN = 5.25V,
I_OUT=200mA and the ambient temperature is 85
°C.
Warnings
The charge pump output CS (pin 3) must not be shorted to GND or held below its internally-set voltage while the part is
powered. This usually results in the destruction of the part.
With V_IN = 5V, the maximum current that can be continuously drawn from CS is approximately 100mA dc.
Never short Cp+ (pin 9) to Cp- (pin 10). This will cause large currents to flow from V_IN to DGND through the part,
usually causing its destruction. This will happen even if EN_Chip and EN_LDO are off.
Troubleshooting Guide
1.
Is the output voltage is drooping under heavy loads? Perhaps the charge pump cannot provide the necessary current.
Try increasing the value of Cp. If that does not work then is V_IN too low? Is V_IN dropping during the Cp charging cycle?
If V_IN is not suitably decoupled and drops below 3.1V then the available current will be very low.
2.
Is the output voltage oscillating between 5V and 0V? The part may be reaching its overtemperature limit. Reduce
current consumption, reduce θJA or add an external diode on the input to reduce V_IN.
3.
Is the part too noisy? Try increasing value (or reducing ESR) of Cs, Ci, Co, Cb. At minimum current the charge pump
ripple frequency will be low. If VOUT noise is at the charge pump ripple frequency then change values of Cp and Cs.
Reducing the input voltage VIN will reduce the charge pump ripple frequency noise on VOUT.
4.
Will the part power up? Pin 6 must be HIGH to power up. Even if pin 7 is HIGH, pin 6 must also be high to power up.
5.
Can the cold start power-up time be reduced? Yes, by reducing the value of the BYP capacitor.


Similar Part No. - CM3702-50DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM370 CML-CM370 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
logo
Visual Communications C...
CM370 VCC-CM370 Datasheet
35Kb / 1P
   Midget Flange Base
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706AGIM25 CHAMP-CM3706AGIM25 Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results

Similar Description - CM3702-50DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Fitipower Integrated Te...
FP6770 FITIPOWER-FP6770 Datasheet
602Kb / 9P
   Low Noise, DC/DC Charge Pump Regulator
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com