Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3112-12 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3112-12
Description  150mA/1.2V CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3112-12 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3112-12 Datasheet HTML 1Page - California Micro Devices Corp CM3112-12 Datasheet HTML 2Page - California Micro Devices Corp CM3112-12 Datasheet HTML 3Page - California Micro Devices Corp CM3112-12 Datasheet HTML 4Page - California Micro Devices Corp CM3112-12 Datasheet HTML 5Page - California Micro Devices Corp CM3112-12 Datasheet HTML 6Page - California Micro Devices Corp CM3112-12 Datasheet HTML 7Page - California Micro Devices Corp CM3112-12 Datasheet HTML 8Page - California Micro Devices Corp CM3112-12 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/20/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
5
CM3112
PRELIMINARY
Timing Diagram
Figure 1. Power Good Delay Timing
Active
Inactive
PG
EN
VOUT
VPG
DPGA
DPGD
100%
90%
DPGD


Similar Part No. - CM3112-12

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM311 CML-CM311 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM311 VCC-CM311 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM3110 CML-CM3110 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM3110 VCC-CM3110 Datasheet
44Kb / 1P
   Wedge Base
More results

Similar Description - CM3112-12

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
Diodes Incorporated
AP7217D DIODES-AP7217D Datasheet
189Kb / 9P
   1.2V 600mA CMOS LDO
AP7217D Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com