Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1425-01CS Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1425-01CS
Description  4 Channel EMI Filter Array with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1425-01CS Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1425-01CS Datasheet HTML 1Page - California Micro Devices Corp CM1425-01CS Datasheet HTML 2Page - California Micro Devices Corp CM1425-01CS Datasheet HTML 3Page - California Micro Devices Corp CM1425-01CS Datasheet HTML 4Page - California Micro Devices Corp CM1425-01CS Datasheet HTML 5Page - California Micro Devices Corp CM1425-01CS Datasheet HTML 6Page - California Micro Devices Corp CM1425-01CS Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
04/21/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214 ▲ Fax: 408.263.7846 ▲ www.calmicro.com
3
CM1425
PRELIMINARY
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A1,
then clamping voltage is measured at Pin C1.
Note 4: Unused pins are left open
Note 5: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
Power Rating per Resistor
100
mW
Package Power Rating
300
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
C
Capacitance
At 2.5V DC, 1MHz, 30mV AC
16
20
24
pF
VDIODE
Diode Standoff Voltage
IDIODE = 10µA5.5
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE = 3.3V
100
nA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
ILOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-
2 Level 4
Notes 2,4 and 5
±30
±15
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Positive Transients
Negative Transients
Notes 2,3,4 and 5
+12
-7
V
V
f
C
Cut-off Frequency
ZSOURCE=50Ω, ZLOAD=50Ω
R = 100
Ω, C = 20pF
86
MHz


Similar Part No. - CM1425-01CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1425-01CS ONSEMI-CM1425-01CS Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1425-01CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1425 ONSEMI-CM1425 Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
NUF4105FC ONSEMI-NUF4105FC Datasheet
82Kb / 6P
   4 Channel EMI Pi-Filter Array with ESD Protection 4 ESD Diodes
November, 2004 ??Rev. 1
EMI9404 ONSEMI-EMI9404 Datasheet
208Kb / 5P
   4-Channel EMI Array with ESD Protection
January, 2013 ??Rev. 1
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com