Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1415-03CS Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1415-03CS
Description  3 Channel Headset EMI Filter with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1415-03CS Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1415-03CS Datasheet HTML 1Page - California Micro Devices Corp CM1415-03CS Datasheet HTML 2Page - California Micro Devices Corp CM1415-03CS Datasheet HTML 3Page - California Micro Devices Corp CM1415-03CS Datasheet HTML 4Page - California Micro Devices Corp CM1415-03CS Datasheet HTML 5Page - California Micro Devices Corp CM1415-03CS Datasheet HTML 6Page - California Micro Devices Corp CM1415-03CS Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
05/13/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
1
CM1415
3 Channel Headset EMI Filter with ESD Protection
Features
Functionally and pin compatible with California
Micro Device’s CSPEMI205
Optiguard
coated for improved reliability at
assembly
Three channels of EMI filtering, two for earpiece
speakers and one for a microphone
Pi-style EMI filters in a capacitor-resistor-capacitor
(C-R-C) network
Greater than 30dB relative attenuation in the 800-
2700MHz range
+
8kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
+
15kV ESD protection on each channel (HBM)
8-bump, 1.41mm X 1.45mm footprint
Chip Scale Package (CSP)
Chip Scale Package features extremely low para-
sitic inductance for optimum filter performance
Lead-free version available
Applications
EMI filtering and ESD protection for headset micro-
phone and speaker
Cellular / Mobile Phones
Notebooks and Personal Computers
Handheld PCs / PDAs / Tablets
Wireless Handsets
Digital Camcorders
Product Description
The CM1415 is a low-pass filter array integrating three
pi-style filters (C-R-C) that reduce EMI/RFI emissions
while at the same time providing ESD protection. This
device is custom-designed to interface with the head-
set port on a cellular telephone, and contains two dif-
ferent filter values. Each high quality filter provides
more than 30dB attenuation in the 800-2700 MHz
range. These pi-style filters support bidirectional filter-
ing, controlling EMI both to and from the microphone
and speaker elements. They also support bipolar sig-
nals, enabling audio signals to pass through without
distortion.
In addition, the CM1415 provides a very high level of
protection for sensitive electronic components that may
be subject to electrostatic discharge (ESD). The input
pins are designed and characterized to safely dissipate
ESD strikes of +8kV, the maximum requirement of the
IEC 61000-4-2 international standard. Using the MIL-
STD-883 (Method 3015) specification for Human Body
Model (HBM) ESD, the device provides protection for
contact discharges to greater than +15kV.
The CM1415 is particularly well suited for portable
electronics (e.g., cellular telephones, PDAs, notebook
computers) because of its small package format and
low weight.
The CM1415 incorporates Optiguard
coating which
results in improved reliability at assembly. The CM1415
is available in a space-saving, low-profile Chip Scale
Package with optional lead-free finishing.
Electrical Schematic
10
Earpiece 1
A3
B4
C1
C3
B2
GND
GND
A1
10
Input
Earpiece 2
Input
Earpiece 1
Output
Earpiece 2
Output
68
Microphone
C5
A5
Input
Microphone
Output


Similar Part No. - CM1415-03CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1410-03CP CALMIRCO-CM1410-03CP Datasheet
493Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1410-03CP ONSEMI-CM1410-03CP Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1410-03CS CALMIRCO-CM1410-03CS Datasheet
493Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
More results

Similar Description - CM1415-03CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI205 CALMIRCO-CSPEMI205 Datasheet
695Kb / 7P
   3 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI205G ONSEMI-CSPEMI205G Datasheet
271Kb / 9P
   3-Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1410 CALMIRCO-CM1410 Datasheet
493Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI200A CALMIRCO-CSPEMI200A Datasheet
485Kb / 7P
   4 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com