Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1203-03CS Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1203-03CS
Description  1, 2 and 3-Channel ESD Arrays in CSP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1203-03CS Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1203-03CS Datasheet HTML 1Page - California Micro Devices Corp CM1203-03CS Datasheet HTML 2Page - California Micro Devices Corp CM1203-03CS Datasheet HTML 3Page - California Micro Devices Corp CM1203-03CS Datasheet HTML 4Page - California Micro Devices Corp CM1203-03CS Datasheet HTML 5Page - California Micro Devices Corp CM1203-03CS Datasheet HTML 6Page - California Micro Devices Corp CM1203-03CS Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
06/28/04
CM1203
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
B2
B1
A1
A2
Orientation
Marking
2
1
B
A
n*
Orientation
Marking
(see note 2)
PACKAGE / PINOUT DIAGRAMS
Notes:
CM1203
TOP VIEW
BOTTOM VIEW
(Bumps Down View)
(Bumps Up View)
* See ordering information for
appropriate part marking.
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
4-Bump CSP Package
3) All 4 bumps are always present. Unused bumps are electrically unconnected.
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
4
CSP
CM1203-01CS
P
CM1203-01CP
P
4
CSP
CM1203-02CS
Q
CM1203-02CP
Q
4
CSP
CM1203-03CS
R
CM1203-03CP
R


Similar Part No. - CM1203-03CS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1203 CML-CM1203 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1203 VCC-CM1203 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
More results

Similar Description - CM1203-03CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
   1,2 and 3-Channel ESD Arrays in CSP
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com