Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM800E2Z-66H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM800E2Z-66H
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM800E2Z-66H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM800E2Z-66H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM800E2Z-66H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM800E2Z-66H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM800E2Z-66H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mar. 2003
MITSUBISHI HVIGBT MODULES
CM800E2Z-66H
HIGH POWER SWITCHING USE
INSULATED TYPE
2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
7
5
3
2
7102
100
7
23
5 7 103
23
5
5
5
3
2
101
5
7
5
3
2
7102
10–1
7
23
5 7 103
23
5
5
5
3
2
100
5
td(off)
VCC = 1650V, VGE =
±15V
RG = 2.5
Ω, Tj = 125°C
Inductive load
td(on)
tr
tf
VCC = 1650V, Tj = 125
°C
Inductive load
VGE =
±15V, RG = 2.5Ω
trr
Irr
7
5
3
2
102
7
5
5
3
2
103
10–2
10–3
10–2
10–1
100
7
5
3
2
10–1
7
5
3
2
100
101
7
5
3
2
23 5 7
23 5 7
23 5 7
Single Pulse
TC = 25
°C
Rth(j – c)Q = 0.012K/ W
Rth(j – c)R = 0.024K/ W
20
16
12
8
4
0
8000
10000
6000
0
2000
4000
VCC = 1650V
IC = 800A
HALF-BRIDGE
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
EMITTER CURRENT IE (A)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
TIME (s)
GATE CHARGE CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
400
800
1200
1600
HALF-BRIDGE
SWITCHING ENERGY CHARACTERISTICS
(TYPICAL)
CURRENT (A)
Eon
Eoff
Erec
VCC = 1650V, VGE =
±15V,
RG = 2.5
Ω, Tj = 125°C,
Inductive load
10
8
6
4
2
0
010
20
30
GATE RESISTANCE (
Ω)
HALF-BRIDGE
SWITCHING ENERGY CHARACTERISTICS
(TYPICAL)
VCC = 1650V, IC = 800A,
VGE =
±15V, Tj = 125°C,
Inductive load
Eon
Eoff


Similar Part No. - CM800E2Z-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM800E2C-66H MITSUBISHI-CM800E2C-66H Datasheet
55Kb / 4P
   2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
More results

Similar Description - CM800E2Z-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com