Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRMS-20J Datasheet(PDF) 2 Page - Mini-Circuits

Part # LRMS-20J
Description  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LRMS-20J Datasheet(HTML) 2 Page - Mini-Circuits

  LRMS-20J Datasheet HTML 1Page - Mini-Circuits LRMS-20J Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Charts
LRMS-20J
CONVERSION LOSS
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1500
1600
1700
1800
1900
2000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
at IF Freq of 30 MHz
LRMS-20J
L-R ISOLATION
10
20
30
40
50
60
70
1500
1600
1700
1800
1900
2000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
LRMS-20J
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1500
1600
1700
1800
1900
2000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
LRMS-20J
L-I ISOLATION
0
5
10
15
20
25
30
35
40
1500
1600
1700
1800
1900
2000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
LRMS-20J
RF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1500
1600
1700
1800
1900
2000
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
LRMS-20J
IF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
LRMS-20J+
LRMS-20J


Similar Part No. - LRMS-20J

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRMS-25J MINI-LRMS-25J Datasheet
316Kb / 2P
   Frequency Mixer
LRMS-25J++ MINI-LRMS-25J+ Datasheet
316Kb / 2P
   Frequency Mixer
LRMS-2H MINI-LRMS-2H Datasheet
361Kb / 2P
   Frequency Mixer
LRMS-2H++ MINI-LRMS-2H+ Datasheet
361Kb / 2P
   Frequency Mixer
LRMS-2J MINI-LRMS-2J Datasheet
313Kb / 2P
   Frequency Mixer
More results

Similar Description - LRMS-20J

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com