Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHT-LD-100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. CHT-LD-100
Description  High-Temperature, 10V, 1A, Low-Dropout SOI-CMOS Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CHT-LD-100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CHT-LD-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHT-LD-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers CHT-LD-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHT-LD-100 - Preliminary datasheet
Output Load, recommended specifications
esistances in series with capacitors represent the internal ESR of these capacitors.
R
or large capacitors
F
:
For small Capacitors:
CB= 0 to 1000µF
CS= 100n to 220nF
RB= 0.2 to ∞ Ω
RS=10m to 50m Ω
For medium capacitors:
CM= 0 to 6µF
RM=0.1 to 1 Ω
ast load current transients
Contact & Ordering
CISSOID S.A.
otron, 6
10489210
load current transients
Contact & Ordering
CISSOID S.A.
otron, 6
10489210
F
tbd
tbd
-100
-100
Chemin du cycl
Chemin du cycl
1348 Louvain-la-Neuve
1348 Louvain-la-Neuve
Belgium
Belgium
el : +32
el : +32
T
T
Fax : +3210489219
Fax : +3210489219
ales@cissoid.com
ales@cissoid.com
s
s
http://www.cissoid.com
Disclaimer
, nor any of its directors, employees or affiliates make any representations or extend any warranties
Neither CISSOID
of any kind, either express or implied, including but not limited to warranties of merchantability, fitness for a particular
purpose, and the absence of latent or other defects, whether or not discoverable. In no event shall CISSOID, its
directors, employees and affiliates be liable for direct, indirect, special, incidental or consequential damages of any
kind arising out of the use of its circuits and their documentation, even if they have been advised of the possibility of
such a damage. The circuits are provided “as is”. CISSOID has no obligation to provide maintenance, support,
updates, or modifications.
Version 0.0 (13/09/2004)
http://www.cissoid.com
3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn