Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHT-LD-100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. CHT-LD-100
Description  High-Temperature, 10V, 1A, Low-Dropout SOI-CMOS Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CHT-LD-100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CHT-LD-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHT-LD-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers CHT-LD-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHT-LD-100 - Preliminary datasheet
Absolute Maximum Ratings
Supply Voltage Vin
40V
Junction Temperature
(1) (Tj)
315°C
Power dissipation
(2)
ESD Rating (expected)
Human Body Model
>1kV
Operating Conditions
Supply Voltage
11V to 25V
Junction temperature
-30°C to 225°C
Power Dissipation
(2)
Electrical Characteristics
Vin= Vout+2V, T=25°C (unless otherwise stated)
Parameter
Condition
Min
Typ
Max
Units
Output voltage accuracy
IL=10mA
9.9
-1
10
10.1
1
V
%
Output voltage accuracy
IL=10mA
-30°C <Tj <225°C
9.8
-2
10
12.2
2
V
%
Output voltage line
regulation
Vin=Vout+2V to Vout + 15V
IL=60mA, -30°C <Tj <225°C
-1
1
mV/V
Output voltage load
regulation
(i.e. Rout)
IL=10mA to 1A
Vin=Vout+2V
-30°C <Tj <225°C
0.05
0.1
V/A
IL=100mA, -30°C <Tj <225°C
1
V
(Vin-Vout)
(droupout)
IL=1A, -30°C <Tj <225°C
2
V
Quiescent Ground Pin
current
0 < IL <1A
Tj= -30°C
Tj= 225°C
10
9.5
mA
Power supply rejection
ratio
f=0Hz ..200Hz
Iload=100mA
>60
dB
Foldback current
tbd
A
Short-circuit current
20°C <Tj <225°C
Tj =-20°C
tbd
tbd
mA
Output noise
10Hz-10kHz
IL=100mA, -30°C <Tj <225°C
200
µVRMS
Notes:
(1) Above 225°C, a minimum load current of few mA (<10 mA) could be required.
(2) Power dissipation depends on packaging. For a package with 5°C/W (Rth),
Pmax=(Max junction temperature – Environment temperature)/Rth.
Version 0.0 (13/09/2004)
http://www.cissoid.com
2


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn