Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB240B Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # CGB240B
Description  2-Stage Bluetooth & WLAN InGaP HBT Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CGB240B Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button CGB240B Datasheet HTML 7Page - TriQuint Semiconductor CGB240B Datasheet HTML 8Page - TriQuint Semiconductor CGB240B Datasheet HTML 9Page - TriQuint Semiconductor CGB240B Datasheet HTML 10Page - TriQuint Semiconductor CGB240B Datasheet HTML 11Page - TriQuint Semiconductor CGB240B Datasheet HTML 12Page - TriQuint Semiconductor CGB240B Datasheet HTML 13Page - TriQuint Semiconductor CGB240B Datasheet HTML 14Page - TriQuint Semiconductor CGB240B Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CGB240B Datasheet
Application Note 1: High Power 22dBm IEEE802.11b Power Amplifier
RF In
RF Out
Vcc
Vctr
C1
C4
C5
TRL1
TRL2
CGB240B
L1
TRL3
R1
C7
C6
C3
C2
1
56
10
11
Figure 5
IEEE802.11b WLAN Power Amplifier.
Part
Type
Value
Outline
Source
Part No.
C1
Cer. Capacitor
22 pF
0402
Murata COG
C2
Cer. Capacitor
22 pF
0402
Murata COG
C3
Cer. Capacitor
1.5 pF
0603
AVX ACCU-P
06035J1R5BBT
C4
Cer. Capacitor
2.2 pF
0402
Murata COG
C5
Cer. Capacitor
82 pF
0402
Murata COG
C6
Cer. Capacitor
1 µF
0603
Murata X7R
C7
Cer. Capacitor
1 nF
0402
Murata X7R
L1
Inductor
22 nH
0603
Toko
LL1608–FS
R1
Resistor
10
0402
Mira
TRL1
6)
Microstrip Line
l = 2,5 mm; FR4:
εr = 4.8; h = 0,2 mm; w = 0,32 mm
TRL2
8)
Microstrip Line
l = 1,0 mm; FR4:
εr = 4.8; h = 0,2 mm; w = 0,32 mm
TRL3
8)
Microstrip Line
l = 2,8 mm; FR4:
εr = 4.8; h = 0,2 mm; w = 0,32 mm
8) Line length measured from corner of capacitor to end of MMIC’s lead.
For More Information, Please Visit www.triquint.com
pg. 11/20
Rev 1.3, July 14th, 2003


Similar Part No. - CGB240B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CGB240 TRIQUINT-CGB240 Datasheet
320Kb / 9P
   2-Stage Bluetooth InGaP HBT Power Amplifier
More results

Similar Description - CGB240B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CGB241 TRIQUINT-CGB241 Datasheet
280Kb / 14P
   2-Stage Bluetooth & WLAN InGaP HBT Power Amplifier
CGB240 TRIQUINT-CGB240 Datasheet
320Kb / 9P
   2-Stage Bluetooth InGaP HBT Power Amplifier
logo
Fairchild Semiconductor
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
TriQuint Semiconductor
TQP770001 TRIQUINT-TQP770001 Datasheet
334Kb / 10P
   Bluetooth Two Stage (HBT) Power Amplifier (EDR Compliant)
logo
Aeroflex Circuit Techno...
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
   2 Watt InGaP HBT Amplifier
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
logo
Microsemi Corporation
LX5530 MICROSEMI-LX5530 Datasheet
101Kb / 2P
   InGaP HBT 4.5 - 6.0GHz Power Amplifier
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
   500mW InGaP HBT Amplifier
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com