Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEP06N5 Datasheet(PDF) 5 Page - Chino-Excel Technology

Part No. CEP06N5
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CET [Chino-Excel Technology]
Homepage  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEP06N5 Datasheet(HTML) 5 Page - Chino-Excel Technology

  CEP06N5 Datasheet HTML 1Page - Chino-Excel Technology CEP06N5 Datasheet HTML 2Page - Chino-Excel Technology CEP06N5 Datasheet HTML 3Page - Chino-Excel Technology CEP06N5 Datasheet HTML 4Page - Chino-Excel Technology CEP06N5 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-21
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
Square Wave Pulse Duration (sec)
Figure 13. Normalized Thermal Transient Impedance Curve
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Figure 9. Gate Charge
Qg, Total Gate Charge (nC)
Figure 10. Maximum Safe
Operating Area
VDS, Drain-Source Voltage (V)
CEP06N5/CEB06N5
15
12
9
6
3
0
020
40
60
80
VDS=400V
ID=6A
PDM
t1
t2
1. R JC (t)=r (t) * R JC
2. R JC=See Datasheet
3. TJM-TC =P*R JC (t)
4. Duty Cycle, D=t1/t2
D=0.5
0.1
0.05
0.02
0.01
Single Pulse
10
10
10
1
0
-1
10
-2
10
-3
10
-4
10
-5
10
-2
10
-1
10
0
0.2
10
10
0
10
10
3
2
1
10
-1
10
0
10
1
TC=25 C
Single Pulse
Tj=150 C
10
0
s
4
4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn