Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEP06N5 Datasheet(PDF) 2 Page - Chino-Excel Technology

Part No. CEP06N5
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CET [Chino-Excel Technology]
Homepage  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEP06N5 Datasheet(HTML) 2 Page - Chino-Excel Technology

  CEP06N5 Datasheet HTML 1Page - Chino-Excel Technology CEP06N5 Datasheet HTML 2Page - Chino-Excel Technology CEP06N5 Datasheet HTML 3Page - Chino-Excel Technology CEP06N5 Datasheet HTML 4Page - Chino-Excel Technology CEP06N5 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TC=25 C unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max Unit
DRAIN-SOURCE AVALANCHE RATING
a
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V,ID = 250
µA
500
V
Zero Gate Voltage Drain Current
IDSS
VDS =500V, VGS =0V
25
µA
Gate-Body Leakage
IGSS
VGS =30V, VDS =0V
100 nA
ON CHARACTERISTICS
a
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = 250
µA
24
V
Drain-Source On-State Resistance
RDS(ON)
VGS =10V, ID =4A
1.0
On-State Drain Current
ID(ON)
VGS = 10V, VDS =10V
4
A
S
Forward Transconductance
FS
g
VDS = 50V, ID =4A
SWITCHING CHARACTERISTICS
b
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD =250V,
ID =6A,
VGS =10V
RGEN=18
23
45
ns
ns
ns
ns
35
70
162
240
44
90
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =400V, ID = 6A,
VGS =10V
54
65
nC
nC
nC
Fall Time
4-18
Single Pulse Drain-Source
Avalanche Energy
Maximum Drain-Source
Avalanche Current
EAS
IAS
VDD =50V, L=24mH
A
mJ
CEP06N5/CEB06N5
RG=25
6
500
27
0.85
6
9
4
4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn