Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM11C2 Datasheet(PDF) 9 Page - Chino-Excel Technology

Part # CEM11C2
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM11C2 Datasheet(HTML) 9 Page - Chino-Excel Technology

  CEM11C2 Datasheet HTML 1Page - Chino-Excel Technology CEM11C2 Datasheet HTML 2Page - Chino-Excel Technology CEM11C2 Datasheet HTML 3Page - Chino-Excel Technology CEM11C2 Datasheet HTML 4Page - Chino-Excel Technology CEM11C2 Datasheet HTML 5Page - Chino-Excel Technology CEM11C2 Datasheet HTML 6Page - Chino-Excel Technology CEM11C2 Datasheet HTML 7Page - Chino-Excel Technology CEM11C2 Datasheet HTML 8Page - Chino-Excel Technology CEM11C2 Datasheet HTML 9Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
2
1
0.1
0.01
Square Wave Pulse Duration (sec)
Figure 13. Normalized Thermal Transient Impedance Curve
5
CEM11C2
INVERTED
Duty Cycle=0.5
0.2
0.1
0.05
0.02
Single Pulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=See Datasheet
3. TJM-TA =PDM*R JA (t)
4. Duty Cycle, D=t1/t2
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
5-156
5


Similar Part No. - CEM11C2

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEM11C2

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com