Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP100R06KE3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FP100R06KE3
Description  EconoPIM3 Modul mit schnellem Trench
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP100R06KE3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FP100R06KE3 Datasheet HTML 1Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 2Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 3Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 4Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 5Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 6Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 7Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 8Page - Infineon Technologies AG FP100R06KE3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
TechnischeInformation/TechnicalInformation
FP100R06KE3
IGBT-Module
IGBT-modules
preparedby:AS
approvedby:RS
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
Modul/Module
Isolations-Prüfspannung
Isolationtestvoltage
RMS, f = 50 Hz, t = 1 min.
VISOL

2,5
 kV
MaterialModulgrundplatte
Materialofmodulebaseplate



Cu
 
InnereIsolation
Internalisolation
Basisisolierung(Schutzklasse1,EN61140)
basicinsulation(class1,IEC61140)


Al2O3
 
Kriechstrecke
Creepagedistance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


10,0
 mm
Luftstrecke
Clearance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal


7,5
 mm
VergleichszahlderKriechwegbildung
Comperativetrackingindex

CTI

> 225
 
min.
typ.
max.
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proModul/permodule
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

0,009
K/W
Modulstreuinduktivität
Strayinductancemodule

LsCE

60

nH
Modulleitungswiderstand,Anschlüsse-
Chip
Moduleleadresistance,terminals-chip
TC=25°C,proSchalter/perswitch
RCC'+EE'
RAA'+CC'

4,00
2,00

m
HöchstzulässigeSperrschichttemperatur
Maximumjunctiontemperature
Wechselrichter,Brems-Chopper/inverter,brake-chopper
Gleichrichter/rectifier
Tvj max


175
150
°C
°C
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Wechselrichter,Brems-Chopper/inverter,brake-chopper
Gleichrichter/rectifier
Tvj op
-40
-40

150
150
°C
°C
Lagertemperatur
Storagetemperature

Tstg
-40

125
°C
Anzugsdrehmomentf.Modulmontage
Mountingtorqueformodulmounting
SchraubeM5-Montagegem.gültigerApplikationsschrift
ScrewM5-Mountingaccordingtovalidapplicationnote
M
3,00
-
6,00
Nm
Gewicht
Weight

G

300

g


Similar Part No. - FP100R06KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FP100R06KE3 EUPEC-FP100R06KE3 Datasheet
417Kb / 12P
   EconoPIM3 module with fast trench/fiedstop IGBT and EmCon3 diode
More results

Similar Description - FP100R06KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP75R12KT4P_B11 INFINEON-FP75R12KT4P_B11 Datasheet
746Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2017-04-11
FP50R12KT4G INFINEON-FP50R12KT4G_13 Datasheet
852Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-11-11 revision:3.0
FP75R12KT3 INFINEON-FP75R12KT3 Datasheet
572Kb / 11P
   EconoPIM3 Modul mit schnellem Trench
2013-10-03 revision:3.0
FP75R12KT4 INFINEON-FP75R12KT4_18 Datasheet
699Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2018-03-02
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11_13 Datasheet
873Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-29 revision:3.0
FP75R12KT4P INFINEON-FP75R12KT4P Datasheet
739Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
V3.0 2017-03-17
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11_13 Datasheet
874Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-16 revision:3.0
FP150R12KT4P INFINEON-FP150R12KT4P Datasheet
762Kb / 12P
   EconoPIM3 Modul mit Trench
V3.1 2017-08-21
FP100R12KT4 INFINEON-FP100R12KT4_13 Datasheet
673Kb / 11P
   EconoPIM3 Modul mit Trench
2013-11-04 revision:2.0
FP75R12KT4_B15 INFINEON-FP75R12KT4_B15_13 Datasheet
668Kb / 11P
   EconoPIM3 Modul mit Trench
2013-11-04 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com