Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97692 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL97692
Description  Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97692 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL97692 Datasheet HTML 24Page - Renesas Technology Corp ISL97692 Datasheet HTML 25Page - Renesas Technology Corp ISL97692 Datasheet HTML 26Page - Renesas Technology Corp ISL97692 Datasheet HTML 27Page - Renesas Technology Corp ISL97692 Datasheet HTML 28Page - Renesas Technology Corp ISL97692 Datasheet HTML 29Page - Renesas Technology Corp ISL97692 Datasheet HTML 30Page - Renesas Technology Corp ISL97692 Datasheet HTML 31Page - Renesas Technology Corp ISL97692 Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ISL97692, ISL97693, ISL97694A
FN7839 Rev.6.00
Page 32 of 32
Sep 8, 2017
Package Outline Drawing
L20.3x4A
20 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 6/10
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
JEDEC reference drawing: MO-220VEGD-NJI.
7.
3.00
A
B
(4X)
0.10
6
PIN 1
INDEX AREA
C
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
16
1
0.10 C
0.08 C
SEATING PLANE
PIN #1
6
0.10
-0.07
A
MC
B
4
INDEX AREA
11
6
-0.15
1.65 +0.10
20x 0.40+/-0.10
2.65 +/0.10
16x 0.50
20x 0.25 +0.05
-0.15
0.05 M C
(20x 0.25)
(20x 0.60)
(16x 0.50)
(1.65)
(2.80)
(2.65)
(3.80)
SEE
0.80 MAX
A
A
17
10
7
20
DETAIL "X"
VIEW "A-A"
For the most recent package outline drawing, see L20.3x4A.


Similar Part No. - ISL97692

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-EVZ INTERSIL-ISL97692IIZ-EVZ Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IIZ-T INTERSIL-ISL97692IIZ-T Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
More results

Similar Description - ISL97692

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 32P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
May 1, 2014
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
   Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com