Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97691 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL97691
Description  2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97691 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL97691 Datasheet HTML 11Page - Renesas Technology Corp ISL97691 Datasheet HTML 12Page - Renesas Technology Corp ISL97691 Datasheet HTML 13Page - Renesas Technology Corp ISL97691 Datasheet HTML 14Page - Renesas Technology Corp ISL97691 Datasheet HTML 15Page - Renesas Technology Corp ISL97691 Datasheet HTML 16Page - Renesas Technology Corp ISL97691 Datasheet HTML 17Page - Renesas Technology Corp ISL97691 Datasheet HTML 18Page - Renesas Technology Corp ISL97691 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ISL97691
FN7840 Rev.2.00
Page 16 of 19
Sep 8, 2017
Fault Protection and Monitoring
The ISL97691 features extensive protection functions to handle
failure conditions automatically. Refer to Figure 15 and Table 3
for details of the fault protections.
The LED failure mode is either open or short circuit. An open
circuit failure of an LED only results in the loss of one channel of
LEDs without affecting other channels. Similarly, a short circuit
condition on a channel that results in that channel being turned
off does not affect other channels.
Due to the lag in boost response to any load change at its output,
certain transient events (such as LED current steps or significant
step changes in LED duty cycle) can transiently look like LED
fault modes. The ISL97691 uses feedback from the LEDs to
determine when it is in a stable operating region and prevents
apparent faults during these transient events from allowing any
of the LED stacks to fault out. See Table 3 for more details.
Short Circuit Protection (SCP)
The short circuit detection circuit monitors the voltage on each
channel and disables faulty channels which are above the short
circuit protection threshold, nominally 8V (the action taken is
described in Table 3).
Open Circuit Protection (OCP)
When one of the LEDs becomes open circuit, it can behave as
either an infinite resistance or a gradually increasing finite
resistance. The ISL97691 monitors the current in each channel
such that any string which reaches the intended output current is
considered “good”. Should the current subsequently fall below the
target, the channel will be considered an “open circuit”.
Furthermore, should the boost output of the ISL97691 reach the
VOVP limit, all channels which are not “good” will immediately be
considered as “open circuit”.
Detection of an “open circuit” channel will result in a time-out
before disabling of the affected channel.
Undervoltage Lockout
If the input voltage falls below the VUVLO level of ~2.15V, the
ISL97691 will stop switching and be reset. Operation will restart
only if the VIN is back in the normal operating range.
Over-Temperature Protection (OTP)
The ISL97691 has an over-temperature protection threshold set to
+150°C. If this threshold is reached, the boost stops switching
and the channel output current sinks are switched off. The
ISL97691 can be restarted by toggling VIN to below the VUVLO level
of ~2.15V, then back up to the normal input voltage level.
FIGURE 24. EXAMPLE OF PCB LAYOUT


Similar Part No. - ISL97691

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97691 INTERSIL-ISL97691 Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
ISL97691 INTERSIL-ISL97691 Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
ISL97691IRTZ INTERSIL-ISL97691IRTZ Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
ISL97691IRTZ INTERSIL-ISL97691IRTZ Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
ISL97691IRTZ-EVALZ INTERSIL-ISL97691IRTZ-EVALZ Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
More results

Similar Description - ISL97691

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97691 INTERSIL-ISL97691 Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
ISL97691IRTZ INTERSIL-ISL97691IRTZ Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
AL1791 DIODES-AL1791 Datasheet
948Kb / 18P
   Analog and PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com