Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97687 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL97687
Description  4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97687 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL97687 Datasheet HTML 16Page - Renesas Technology Corp ISL97687 Datasheet HTML 17Page - Renesas Technology Corp ISL97687 Datasheet HTML 18Page - Renesas Technology Corp ISL97687 Datasheet HTML 19Page - Renesas Technology Corp ISL97687 Datasheet HTML 20Page - Renesas Technology Corp ISL97687 Datasheet HTML 21Page - Renesas Technology Corp ISL97687 Datasheet HTML 22Page - Renesas Technology Corp ISL97687 Datasheet HTML 23Page - Renesas Technology Corp ISL97687 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
FN7714 Rev.3.00
Page 22 of 24
Sep 13, 2017
ISL97687
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2011-2017. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing, and high-end consumer markets.
For the most updated datasheet, application notes, related documentation, and related parts, see the respective product information
page found at www.intersil.com.
For a listing of definitions and abbreviations of common terms used in our documents, visit www.intersil.com/glossary.
You can report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please visit our website to
make sure you have the latest revision.
DATE
REVISION
CHANGE
September 13, 2017
FN7714.3
Applied new header/footer.
Updated Ordering Information notes.
Added VHEADROOM_RANGE spec to Electrical Specifications table. Added corresponding Note 11.
In the Current Matching and Current Accuracy section - updated third sentence in paragraph 2 for clarification.
Updated About Intersil section.
Updated POD M28.3 to the latest revision. Change: Added land pattern
November 13, 2013
FN7714.2
Changed Eval Board name in ordering information on page 4 from “ISL97687IBZ-EVAL1Z” TO
“ISL97687IBZEV1Z”
September 21, 2012
FN7714.1
Corrected PGND symbol in Figures 1 and 3.
Corrected conditions for “VIH” in the “Electrical Specifications” table on page 7 from "Logic input low.." to
"Logic input high.."
Corrected label typo in Figure 20 from "RSET" to "RISET".
Corrected "PWMI" and "CSEL" labels in the “Equivalent Circuit Diagrams” on page 21.
Added Note 8 and corrected Note reference in “Thermal Information” on page 6 for SOIC from Note 5 to
Note 8.
Corrected I_CHI1 to V_CH1 in Figures 16 and 17 on page 10.
Corrected FPWM pin to PWM_SET/PLL pin in first paragraph of “Vsync Function” on page 13
Added "The PWM dimming frequency, set by the PWM_SET pin, should be at least 1kHz when EN_ADIM is
high." to second paragraph of “LED PWM Dimming – Duty Cycle Control” on page 12.
September 15, 2011
FN7714.0
Initial Release


Similar Part No. - ISL97687

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZ-EVAL1Z INTERSIL-ISL97687IBZ-EVAL1Z Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IBZ-EVAL1Z INTERSIL-ISL97687IBZ-EVAL1Z Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results

Similar Description - ISL97687

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com