Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97686 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL97686
Description  4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97686 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL97686 Datasheet HTML 1Page - Renesas Technology Corp ISL97686 Datasheet HTML 2Page - Renesas Technology Corp ISL97686 Datasheet HTML 3Page - Renesas Technology Corp ISL97686 Datasheet HTML 4Page - Renesas Technology Corp ISL97686 Datasheet HTML 5Page - Renesas Technology Corp ISL97686 Datasheet HTML 6Page - Renesas Technology Corp ISL97686 Datasheet HTML 7Page - Renesas Technology Corp ISL97686 Datasheet HTML 8Page - Renesas Technology Corp ISL97686 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ISL97686
FN7953 Rev.1.00
Page 4 of 22
Sep 19, 2017
19
23
ISET2
I
Resistor connection for setting LED current. 28.7kΩ
= 100mA
20
24
OSC
I
Boost switching frequency adjustment
21
25
NC
No connection
22
26
PGND
S
Power Ground return for LED current
23
27
CH4
I
LED PWM Driver
24
28
CH3
I
LED PWM Driver
25
1
CH2
I
LED PWM Driver
26
2
CH1
I
LED PWM Driver
27
3
PGND
S
Power Ground return for LED current
28
4
CSEL
I
ISET Resistor Selection Pin.
CSEL = 0 : ISET 1 resistor sets LED current
CSEL = 1 : ISET 2 resistor sets LED current
Pin Descriptions (Continued)
TQFN SOIC
PIN NAME
PIN TYPE
PIN DESCRIPTION
Ordering Information
PART NUMBER
(Notes 3, 4)
PART
MARKING
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL97686IRTZ (Note 1)
ISL9768 6IRTZ
28 Ld 5x5 TQFN
L28.5x5B
ISL97686IBZ (Note 2)
ISL97686IBZ
28 Ld SOIC (300mil)
M28.3
ISL97686IBZ-EVAL1Z
Evaluation Board (None of LEDs on the evaluation board)
NOTES:
1. Add “-T” suffix for 6k unit tape and reel. Refer to TB347 for details on reel specifications.
2. Add “-TK” suffix for 1k unit tape and reel. Refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), see the product information page for ISL97686. For more information on MSL, see TB363.


Similar Part No. - ISL97686

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ-EVAL1Z INTERSIL-ISL97686IBZ-EVAL1Z Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
More results

Similar Description - ISL97686

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Kinetic Technologies.
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com