Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12771 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C12771
Description  ~19째 spot beam
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12771 Datasheet(HTML) 3 Page - Ledil, Inc.

  C12771 Datasheet HTML 1Page - Ledil, Inc. C12771 Datasheet HTML 2Page - Ledil, Inc. C12771 Datasheet HTML 3Page - Ledil, Inc. C12771 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
C12771_RER-7-S
PHOTOMETRIC DATA (MEASURED):
LED
MX-6
FWHM
17.0°
Efficiency
92 %
Peak intensity
3.500 cd/lm
Required components:
LED
LUXEON Rebel ES
FWHM
19.0°
Efficiency
89 %
Peak intensity
4.429 cd/lm
Required components:
Last update: 24/06/2013
Subject to change without prior notice
Published: 30/04/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/4


Similar Part No. - C12771

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C12702-03 HAMAMATSU-C12702-03 Datasheet
185Kb / 5P
   APD modules
C12702-04 HAMAMATSU-C12702-04 Datasheet
185Kb / 5P
   APD modules
C12702-11 HAMAMATSU-C12702-11 Datasheet
185Kb / 5P
   APD modules
C12702-12 HAMAMATSU-C12702-12 Datasheet
185Kb / 5P
   APD modules
C12702 HAMAMATSU-C12702_15 Datasheet
1Mb / 5P
   Operates an APD with single 5 V supply (Standard type, Short-wavelengh type)
More results

Similar Description - C12771

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11916 LEDIL-C11916 Datasheet
1Mb / 4P
   ~19째 spot beam
FP11055 LEDIL-FP11055 Datasheet
8Mb / 8P
   ~19째 spot beam
C13234 LEDIL-C13234 Datasheet
4Mb / 9P
   ~19째 spot beam optimized for CREE XT-E
CP15304 LEDIL-CP15304 Datasheet
2Mb / 4P
   ~19째 spot beam and holder with location pins
FP11085 LEDIL-FP11085 Datasheet
1Mb / 6P
   ~19째 spot beam optimized for CREE XP-E.
CP12938 LEDIL-CP12938 Datasheet
6Mb / 7P
   ~19째 spot beam. Clip fastening for 0.8 mm thick PCB.
CP12939 LEDIL-CP12939 Datasheet
3Mb / 8P
   ~19째 real spot beam. Clip fastening for 1.6 mm thick PCB
FP11086 LEDIL-FP11086 Datasheet
5Mb / 6P
   ~19째 spot beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
   ~25째 spot beam
F14532 LEDIL-F14532 Datasheet
10Mb / 19P
   ~10째 spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com