Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97677 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL97677
Description  SMBus/I2C 8-Channel LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97677 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL97677 Datasheet HTML 15Page - Renesas Technology Corp ISL97677 Datasheet HTML 16Page - Renesas Technology Corp ISL97677 Datasheet HTML 17Page - Renesas Technology Corp ISL97677 Datasheet HTML 18Page - Renesas Technology Corp ISL97677 Datasheet HTML 19Page - Renesas Technology Corp ISL97677 Datasheet HTML 20Page - Renesas Technology Corp ISL97677 Datasheet HTML 21Page - Renesas Technology Corp ISL97677 Datasheet HTML 22Page - Renesas Technology Corp ISL97677 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ISL97677
FN6996 Rev.2.00
Page 19 of 24
Sep 13, 2017
PWM Brightness Control Register (0x00)
The Brightness control resolution has 256 steps of PWM
duty cycle adjustment. The bit assignment is shown in
Tables 2A and 2B. All of the bits in this Brightness Control
Register can be read or write. Step 0 corresponds to the
minimum step where the current is less than 10µA. Steps
1 to 255 represent the linear steps between 0.39% and
100% duty cycle with approximately 0.39% duty cycle
adjustment per step.
• An SMBus Write Byte cycle to Register 0x00 sets the
PWM brightness level only if the backlight controller
is in SMBus mode (see Table 3 “Operating Modes
selected by Device Control Register Bits 1 and 2”).
• An SMBus Read Byte cycle to Register 0x00 returns
the programmed PWM brightness level, regardless of
the value of PWM_SEL.
• An SMBus setting of 0xFF for Register 0x00 sets the
backlight controller to the maximum brightness.
• An SMBus setting of 0x00 for Register 0x00 sets the
backlight controller to the minimum brightness
output in which the LED current is guaranteed to be
less than 10µA.
• Default value for Register 0x00 is 0xFF.
Device Control Register (0x01)
This register has 2 bits that control the operating mode
of the backlight controller and a single bit that controls
the BL ON/OFF state. The remaining bits are reserved.
The bit assignment is shown in Tables 2A and 2B. All
other bits in the Device Control Register will read as low
unless otherwise written. Bits 7 and 6 are not
implemented and will always read low.
The PWM_SEL bit determines whether the SMBus or
PWMI input should drive the output brightness in terms
of PWM dimming. When PWM_SEL bit is 1, the PWMI
drives the output brightness regardless of what the
PWM_MD is.
When the PWM_SEL bit is 0, the PWM_MD bit selects the
manner in which the PWM dimming is to be interpreted;
when this bit is 1, the PWM dimming is based on the
SMBus brightness setting. When this bit is 0, the PWM
dimming reflects a percentage change in the current
brightness programmed in the SMBus Register 0x00, i.e.
DPST (Display Power Saving Technology) mode, as
shown in Equation 6:
Where:
Cbt = Current brightness setting from SMBus Register
0x00 without influence from the PWMI
PWMI = is the percent duty cycle of the PWMI
TABLE 2B. DATA BIT DESCRIPTIONS
ADDRESS
REGISTER
DATA BIT DESCRIPTIONS
0x00
PWM Brightness Control
Register
BRT[7..0] = 256 steps of DPWM duty cycle brightness control
0x01
Device Control Register
PWM_MD = PWM mode select bit (1 = absolute brightness, 0 = % change),
default = 0
PWM_SEL = Brightness control select bit (1 = control by PWMI, 0 = control by
SMBus), default = 0
BL_CTL = BL On/Off (1 = On, 0 = Off), default = 0
0x02
Fault/Status Register
2_CH_SD = Two LED output channels are shutdown (1 = shutdown, 0 = OK)
1_CH_SD = One LED output channel is shutdown (1 = shutdown, 0 = OK)
BL_STAT = BL status (1 = BL On, 0 = BL Off)
OV_CURR = Input overcurrent (1 = Overcurrent condition, 0 = Current OK)
THRM_SHDN = Thermal Shutdown (1 = Thermal fault, 0 = Thermal OK)
FAULT = Fault occurred (Logic “OR” of all of the fault conditions)
0x03
Identification Register
MFG[3..0] = Manufacturer ID (16 vendors available. Intersil is vendor ID 9)
REV[2..0] = Silicon rev (Rev 0 through Rev 7 allowed for silicon spins)
PWM_MD PWM_SEL
MODE
X1
PWMI Mode
10
SMBus Mode
0
0
SMBus and PWMI mode with
DPST
TABLE 3. OPERATING MODES SELECTED BY DEVICE
CONTROL REGISTER BITS 1 AND 2
PWM_MD PWM_SEL
MODE
X
1
PWMI Mode
10
SMBus Mode
0
0
SMBus and PWMI Mode with DPST
DPST Brightness
Cbt PWMI
=
(EQ. 6)


Similar Part No. - ISL97677

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
ISL97677IRZ INTERSIL-ISL97677IRZ Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
More results

Similar Description - ISL97677

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
   SMBus 8-Channel LED Driver
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
   SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
   SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com