Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97671A Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL97671A
Description  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97671A Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL97671A Datasheet HTML 8Page - Renesas Technology Corp ISL97671A Datasheet HTML 9Page - Renesas Technology Corp ISL97671A Datasheet HTML 10Page - Renesas Technology Corp ISL97671A Datasheet HTML 11Page - Renesas Technology Corp ISL97671A Datasheet HTML 12Page - Renesas Technology Corp ISL97671A Datasheet HTML 13Page - Renesas Technology Corp ISL97671A Datasheet HTML 14Page - Renesas Technology Corp ISL97671A Datasheet HTML 15Page - Renesas Technology Corp ISL97671A Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ISL97671A
FN7709 Rev.4.00
Page 12 of 28
Sep 14, 2017
The default PWM dimming mode is in DPST. In all of the
methods, the average LED channel current is controlled by ILED
and the PWM duty cycle in percent, as shown in Equation 5:
Method 1 (SMBus/I2C Controlled Dimming)
The average LED channel current is controlled by the internally
generated PWM signal, as shown in Equation 6:
where BRT is the PWM brightness level programmed in the
Register 0x00. BRT ranges from 0 to 255 in decimal and defaults
to 255 (0xFF). BRT = 0 disconnects all channels.
To use only the SMBus/I2C controlled PWM brightness control,
set Register 0x01 to 0x05. Alternatively, the same operation can
be obtained by leaving Register 0x01 at its default value of 0x01
(DPST mode) and connecting the PWM input to VDC, so that the
dimming level depends only on the BRT register.
The PWM dimming frequency is adjusted by a resistor at the
FPWM pin.
Method 2 (PWM Controlled Dimming with Settable Dimming
Frequency)
The average LED channel current can also be controlled by the duty
cycle of the external PWM signal, as shown in Equation 7:
The PWM dimming frequency is adjusted by a resistor at the
FPWM pin. The PWM input cannot be low for more than 30.5ms
or else the driver will enter shutdown.
To use the externally applied PWM signal only for brightness
control, set Register 0x01 to 0x03. Alternatively, the same
operation can be obtained by leaving Register 0x01 at its default
value of 0x01 (DPST mode), and not programming Register BRT,
so that it contains its default value of 0xFF. A third way to obtain
this mode of operation is to tie both SCL and SDA to ground.
Method 3 (DPST Mode)
The average LED channel current can also be controlled by the
product of the SMBus/I2C controlled PWM and the external PWM
signals as:
where:
therefore:
where BRT is the value held in Register 0x00 (default setting
0xFF) controlled by SMBus/I2C and PWMI is the duty cycle of the
incoming PWM signal. In this way, users can change the PWM
current in a ratiometric manner to achieve DPST compliant
backlight dimming. To use the DPST mode, set Register 0x01 to
0x01. The PWM dimming frequency is adjusted by a resistor at
the FPWM pin.
For example, if the SMBus/I2C controlled PWM duty is 80%
dimming at 200Hz (see Equation 11) and the external PWM duty
cycle is 60% dimming at 1kHz, the resultant PWM duty cycle is
48% dimming at 200Hz.
In DPST mode, the ISL97671A features 8-bit dimming resolution;
it calculates the dimming level by taking the eight most
significant bits of the product of the PWMI duty cycle (digitized
with 8-bit resolution) and of the BRT I2C register.
Method 4 (Direct PWM Mode)
Direct PWM Dimming mode is selected when fPWM is tied to VDC
and SMBCLK/SMBDAT are grounded. The current of the
six channels will follow the incoming PWM signal’s frequency
and duty cycle. The minimum duty cycle can be as low as 0.007%
at 200Hz (or an equivalent pulse width of 350ns). This ultra low
duty cycle dimming performance can be achieved if no channel
capacitor is present. Additionally, the Phase Shift function is
disabled in Direct PWM Dimming mode.
PWM Dimming Frequency Adjustment
For dimming methods 1-3, the PWM dimming frequency is set by
an external resistor at the FPWM pin as:
where fPWM is the PWM dimming frequency and RFPWM is the
setting resistor.
The maximum PWM dimming frequency is 30kHz when the duty
cycle is from 0.4% to 100%.
Phase Shift Control
For dimming methods 1-3, the ISL97671A is capable of delaying
the phase of each current source to minimize load transients. By
default, phase shifting is disabled as shown in Figure 20 where
the channels PWM currents are switching at the same time.
ILED ave

ILED PWM
=
(EQ. 5)
ILED ave

ILED BRT 255

=
(EQ. 6)
ILILED ave

ILED PWMI
=
(EQ. 7)
ILED ave

ILEDxPWMDPST
=
(EQ. 8)
PPWMDPST
BRT 255
PWMI
=
(EQ. 9)
ILED ave

ILED BRT 255
PWMI
=
(EQ. 10)
TABLE 1. DIMMING MODE SELECTION
SMBCLK/
SCL PIN
SIGNAL
SMBDAT/
SDA PIN
SIGNAL
FPWM PIN
0x01 REGISTER
DIMMING METHOD
SELECTION
SMBUS
/I2C
clock
SMBUS
/I2C
data
Resistor to
ground
Set to 0x05, or
set to 0x01 and
connect PWM to
VDC
Method 1
(SMBUS/I2C
controlled
dimming)
SMBUS
/I2C clock
SMBUS
/I2C data
Resistor to
ground
Set to 0x03, or
set to 0x01 and
not program
register 0x00
Method 2 (PWM
controlled with
settable dimming
frequency)
Grounded Grounded Resistor to
ground
N/A
Method 2 (PWM
controlled with
settable dimming
frequency)
SMBUS
/I2C clock
SMBUS
/I2C data
Resistor to
ground
Set to 0x01
Method 3 (DPST
mode)
Grounded Grounded Tie to VDC N/A
Method 4 (Direct
PWM dimming)
FPWM
6.66
7
10
RFPWM
------------------------
=
(EQ. 11)


Similar Part No. - ISL97671A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ-EVALZ INTERSIL-ISL97671AIRZ-EVALZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results

Similar Description - ISL97671A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com