Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1733 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C1733
Description  ADSL Line Coupling Transformer, IEC60950 Supplementary 250V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C1733 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C1733 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV
E
Product
ADSL Line Coupling Transformer, IEC60950 Supplementary 250V
450µH, 1.80 : 1.00 ( Line : IC ), SMD EP13
Primary units are in inches.
Millimeters are in brackets.
Electrical Specifications at +20°C unless noted otherwise
Test Description
Limit
Units
Tol
Notes
Inductance
450.0
µH
5.0%
1-4 tie( 3+2 ), 10kHz, 100mVAC, Ls.
Leakage Inductance
5.50
µH
Max.
1-4 tie( 3+2, 8+9, 10-7 ), 100kHz, 100mVAC, Ls.
DC Resistance
0.250
Max.
10-8
DC Resistance
0.800
Max.
1-3
DC Resistance
0.800
Max.
2-4
DC Resistance
0.300
Max.
9-7
Turns Ratio
1.80
---
1.00%
( 1-4 ) : ( 10-7 ) tie( 8+9, 2+3 ), 10KHz, 100mVAC.
Dielectric
1875
VAC
500µA
1-10 tie( 2+3, 8+9 ), 1 second test, 500µA maximum leakage current.
Total Harmonic Distortion
-95
dB
Typ.
40KHz, 2.5Vrms [ 7.07 Vp-p ], Line : IC
Insertion Loss
0.300
dB
±0.20
100kHz.
Frequency Response
±1.2
dB
Typ.
100kHz Reference.
Longitudinal Balance (ITU)
-40
dB
Min.
20kHz - 1.1MHz, Gnd pin 10 or 7.
BABT
UL1950
CSA 950 (via UL/CUL)
IEC 60950 (via CB Cert.)
The information contained in this drawing is the sole property of CoEv, Inc. Any reproduction or use without the written permission of CoEv, Inc. is prohibited.
TEL 888-978-2638 - FAX 605-886-8995 - www.coev.net
Certificate No. GB551W
Norway (via CB Cert.)
Certif. No. GB551W
File E189690
Austel (via CB Cert.)
Certif. No. GB551W
File E189690
Sweden (via CB Cert.)
Certif. No. GB551W
C1733
Description
Agency Approvals
Certificate No. NC/000166
Japan (via CB Cert.)
Certif. No. GB551W
10
8
1
3
9
7
2
4
LINE SIDE
100
DEVICE SIDE
30.9
A
0.70
.028
2.50
.098
15.40±0.15
.606±.006
17±0.15
.669±.006
5
4
3
2
1
Terminal Dimensions
Customer to determine PCB pad dimensions.
0.530 MAX
[13.46 MAX]
0.700 MAX
[17.78 MAX]
Terminal #1 Indicator
EIA date code and
lot code
0.480 MAX
[12.19 MAX]
Coplanar with surface A
+0.006"/-0.000"
8
7
6
9
10
BABT


Similar Part No. - C1733

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C17303 LEDIL-C17303 Datasheet
2Mb / 5P
   ~25째 spot beam for industrial applications
logo
List of Unclassifed Man...
C1731 ETC-C1731 Datasheet
38Kb / 1P
   205 UH Inductor Approved for use by GlobeSpan
logo
Ledil, Inc.
C17312 LEDIL-C17312 Datasheet
2Mb / 5P
   IESNA Type II (medium) beam with excellent back light control
C17313 LEDIL-C17313 Datasheet
2Mb / 5P
   IESNA Type III (medium) beam with excellent back light control
C17314 LEDIL-C17314 Datasheet
2Mb / 4P
   Type II/III (long) beam for very wide pole to pole distances
More results

Similar Description - C1733

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C2852 MACOM-C2852 Datasheet
34Kb / 1P
   ADSL Coupling Transformer, IEC950 Supplementary 250V 850UH, 1:1 (Line : IC), GW CEP 7
logo
List of Unclassifed Man...
C2042 ETC-C2042 Datasheet
35Kb / 1P
   Analog Devices AD20MSP930 CPE Line Transformer Meet requirements of IEC60950 for supplementary insulation, 250V working voltage
logo
Tyco Electronics
C2516 MACOM-C2516 Datasheet
41Kb / 1P
   Centillium ADSL IC, Central Office applications Meets requrements of IEC60950 for supplementary insulation, 250V working voltage
logo
XFMRS Inc.
XF1010-AD8S XFMRS-XF1010-AD8S Datasheet
52Kb / 1P
   ADSL Transformer supplementary insulation, 250 waking volts
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com