Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAST3015WA0 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAST3015WA0
Description  Compatible with automatic placement equipment.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST3015WA0 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAST3015WA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST3015WA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Package Outline Dimensions
-
+
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
EAST3015WA0
InGaN
Pure White
Yellow Diffused
DATASHEET
EAST3015WA0
Page 2 of 12
Rev. 0.01


Similar Part No. - EAST3015WA0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAST3015BA1 EVERLIGHT-EAST3015BA1 Datasheet
340Kb / 10P
   Compatible with automatic placement equipment.
EAST3015BA2 EVERLIGHT-EAST3015BA2 Datasheet
418Kb / 10P
   Compatible with automatic placement equipment.
EAST3015GA0 EVERLIGHT-EAST3015GA0 Datasheet
398Kb / 9P
   Compatible with automatic placement equipment.
EAST3015GA1 EVERLIGHT-EAST3015GA1 Datasheet
396Kb / 9P
   Compatible with automatic placement equipment.
EAST3015GA2 EVERLIGHT-EAST3015GA2 Datasheet
362Kb / 10P
   Compatible with automatic placement equipment.
More results

Similar Description - EAST3015WA0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com