Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAST3015GA4 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EAST3015GA4
Description  Compatible with automatic placement equipment.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST3015GA4 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EAST3015GA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST3015GA4 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LifecyclePhase:Developing()
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-12-19 10:19:15.0
DATASHEET
SMD  B
EAST3015GA4
9
Copyright © 2010, EverlightAll Rights Reserved.Release Date : 17.Dec.2014.Issue No: DSE-0012546
Rev.1
www.everlight.com
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 After opening the package: The LEDs should be kept at 30℃ or less and 60%RH or less.
2.3 The LEDs should be used within 168 hours (7days) after opening the package .
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
P re -h e a tin g
1 5 0 ~ 2 0 0 °C
6 0 ~ 1 2 0 se c.
A b o v e 2 1 7 °C
6 0 ~ 1 5 0 se c .
2 6 0 °C M a x .
1 0 sec . M a x .
6 °C /se c.M ax .
A b o v e2 5 5 °C
3 0 sec .M a x .
3 °C /se c .M a x .
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds within once in less
than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful
because the damage of the product is often started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head
soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs
will or will not be damaged by repairing.


Similar Part No. - EAST3015GA4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAST3015GA0 EVERLIGHT-EAST3015GA0 Datasheet
398Kb / 9P
   Compatible with automatic placement equipment.
EAST3015GA1 EVERLIGHT-EAST3015GA1 Datasheet
396Kb / 9P
   Compatible with automatic placement equipment.
EAST3015GA2 EVERLIGHT-EAST3015GA2 Datasheet
362Kb / 10P
   Compatible with automatic placement equipment.
EAST3015GA3 EVERLIGHT-EAST3015GA3 Datasheet
401Kb / 9P
   Compatible with automatic placement equipment.
EAST3015GA5 EVERLIGHT-EAST3015GA5 Datasheet
1Mb / 9P
   Compatible with automatic placement equipment.
More results

Similar Description - EAST3015GA4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com