Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAST1608GB1 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EAST1608GB1
Description  Compatible with automatic placement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST1608GB1 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EAST1608GB1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST1608GB1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATASHEET
SMD  B
EAST1608GB1
3
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date :Oct.14.2017
Issue No: DSE-0019104
Rev.1
www.everlightamericas.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous
Intensity
Iv
45.0
-----
112.0
mcd
IF=5mA
Viewing Angle
1/2
-----
100
-----
deg
Peak
Wavelength
λp
-----
518
-----
nm
Dominant
Wavelength
λd
520.0
-----
535.0
nm
Spectrum
Radiation
Bandwidth
△ λ
-----
35
-----
nm
Forward
Voltage
VF
2.60
-----
3.00
V
Reverse
Current
IR
-----
-----
50
μA
VR=5V
Note:
1.Tolerance of Luminous Intensity: ±11%
2.Tolerance of Dominant Wavelength ±1nm
3. Tolerance of Forward Voltage: ±0.05V
 
Ver.:1
Release Date:10/18/2017
狀態:Developing(開發階段)


Similar Part No. - EAST1608GB1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAST1608GB0 EVERLIGHT-EAST1608GB0 Datasheet
347Kb / 9P
   Compatible with automatic placement equipment.
EAST1608GB2 EVERLIGHT-EAST1608GB2 Datasheet
327Kb / 9P
   Compatible with automatic placement equipment.
More results

Similar Description - EAST1608GB1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com