Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM10GP60 Datasheet(PDF) 3 Page - eupec GmbH

Part # BSM10GP60
Description  IGBT-Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM10GP60 Datasheet(HTML) 3 Page - eupec GmbH

  BSM10GP60 Datasheet HTML 1Page - eupec GmbH BSM10GP60 Datasheet HTML 2Page - eupec GmbH BSM10GP60 Datasheet HTML 3Page - eupec GmbH BSM10GP60 Datasheet HTML 4Page - eupec GmbH BSM10GP60 Datasheet HTML 5Page - eupec GmbH BSM10GP60 Datasheet HTML 6Page - eupec GmbH BSM10GP60 Datasheet HTML 7Page - eupec GmbH BSM10GP60 Datasheet HTML 8Page - eupec GmbH BSM10GP60 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM10GP60
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
min.
typ.
max.
Modulinduktivität
stray inductance module
LσCE
-
-
100
nH
Modul Leitungswiderstand, Anschlüsse-Chip
lead resistance, terminals-chip
TC = 25°C
RCC’+EE’
-
11
-
m
Diode Wechselrichter/ Diode Inverter
min.
typ.
max.
Durchlaßspannung
VGE = 0V, Tvj = 25°C,
IF =
10 A
VF
-
1,25
1,7
V
forward voltage
VGE = 0V, Tvj = 125°C,
IF =
10 A
-
1,2
-
V
Rückstromspitze
IF=INenn,
- diF/dt =
400A/µs
peak reverse recovery current
VGE = -10V, Tvj = 25°C, VR =
300 V
IRM
-12
-
A
VGE = -10V, Tvj = 125°C, VR =
300 V
-
15
-
A
Sperrverzögerungsladung
IF=INenn,
- diF/dt =
400A/µs
recovered charge
VGE = -10V, Tvj = 25°C, VR =
300 V
Qr
-
0,85
-
µAs
VGE = -10V, Tvj = 125°C, VR =
300 V
-
1,35
-
µAs
Abschaltenergie pro Puls
IF=INenn,
- diF/dt =
400A/µs
reverse recovery energy
VGE = -10V, Tvj = 25°C, VR =
300 V
ERQ
-
0,16
-
mWs
VGE = -10V, Tvj = 125°C, VR =
300 V
-
0,26
-
mWs
Transistor Brems-Chopper/ Transistor Brake-Chopper
min.
typ.
max.
Kollektor-Emitter Sättigungsspannung
VGE = 15V, Tvj = 25°C,
IC =
10,0 A
VCE sat
-
1,95
2,35
V
collector-emitter saturation voltage
VGE = 15V, Tvj = 125°C,
IC =
10,0 A
-
2,2
-
V
Gate-Schwellenspannung
gate threshold voltage
VCE = VGE,
Tvj = 25°C,
IC =
0,35mA
VGE(TO)
4,5
5,5
6,5
V
Eingangskapazität
input capacitance
f = 1MHz, Tvj = 25°C
VCE = 25 V, VGE = 0 V
Cies
-
0,6
-
nF
Kollektor-Emitter Reststrom
VGE = 0V, Tvj = 25°C, VCE =
600 V
ICES
-
0,5
500
µA
collector-emitter cut-off current
VGE = 0V, Tvj = 125°C, VCE =
600 V
-
0,8
-
mA
Gate-Emitter Reststrom
gate-emitter leakage current
VCE = 0V, VGE = 20V, Tvj = 25°C
IGES
-
-
300
nA
Diode Brems-Chopper/ Diode Brake-Chopper
min.
typ.
max.
Durchlaßspannung
Tvj = 25°C,
I F =
10,0 A
VF
-
1,25
1,7
V
forward voltage
Tvj = 125°C,
I F =
10,0 A
-
1,2
-
V
NTC-Widerstand/ NTC-Thermistor
min.
typ.
max.
Nennwiderstand
rated resistance
TC = 25°C
R25
-5
-
k
Abweichung von R100
deviation of R100
TC = 100°C, R100 = 493 Ω
∆R/R
-5
5
%
Verlustleistung
power dissipation
TC = 25°C
P25
20
mW
B-Wert
B-value
R2 = R1 exp [B(1/T2 - 1/T1)]
B25/50
3375
K
3(11)
DB-PIM-9.xls


Similar Part No. - BSM10GP60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM10GP120 INFINEON-BSM10GP120 Datasheet
124Kb / 13P
   Technische Information
17.09.1999 revision: 5
More results

Similar Description - BSM10GP60

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com