Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5P2304AG-1H-08-ST Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5P2304AG-1H-08-ST
Description  3.3 V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2304AG-1H-08-ST Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5P2304AG-1H-08-ST Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-ST Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2005
ASM5P2304A
rev 1.4
Notice: The information in this document is subject to change without notice.
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
3.3V Zero Delay Buffer
Features
Zero input - output propagation delay, adjustable
by capacitive load on FBK input.
Multiple configurations - Refer “ASM5P2304A
Configurations Table”.
Input frequency range: 15MHz to 133MHz
Multiple low-skew outputs.
Output-output skew less than 200pS.
Device-device skew less than 500pS.
Two banks of four outputs.
Less than 200pS Cycle-to-Cycle jitter
(-1, -1H, -2, -2H).
Available in space saving, 8 pin 150-mil SOIC
packages.
3.3V operation.
Advanced 0.35< CMOS technology.
Industrial temperature available.
Functional Description
ASM5P2304A is a versatile, 3.3V zero-delay buffer
designed
to
distribute
high-speed
clocks
in
PC,
workstation, datacom, telecom and other high-performance
applications. It is available in 8 pin package. The part has
an on-chip PLL which locks to an input clock presented on
the REF pin. The PLL feedback is required to be driven to
FBK pin, and can be obtained from one of the outputs. The
input-to-output propagation delay is guaranteed to be less
than 250pS, and the output-to-output skew is guaranteed to
be less than 200pS.
The ASM5P2304A has two banks of two outputs each.
Multiple ASM5P2304A devices can accept the same input
clock and distribute it. In this case the skew between the
outputs of the two devices is guaranteed to be less than
500pS.
The
ASM5P2304A
is
available
in
two
different
configurations (Refer “ASM5P2304A Configurations Table).
The ASM5P2304A-1 is the base part, where the output
frequencies equal the reference if there is no counter in the
feedback path. The ASM5P2304A-1H is the high-drive
version of the -1 and the rise and fall times on this device
are much faster.
The ASM5P2304A-2 allows the user to obtain REF and
1/2X or 2X frequencies on each output bank. The exact
configuration and output frequencies depend on which
output drives the feedback pin.
Block Diagram
PLL
/2
Extra Divider (-2)
CLKA2
CLKA1
FBK
CLKB1
CLKB2
REF


Similar Part No. - ASM5P2304AG-1H-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P2304AG-1H-08-ST PULSECORE-ASM5P2304AG-1H-08-ST Datasheet
371Kb / 14P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P2304AG-1H-08-ST

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com