Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP25R12KT4_B11 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # FP25R12KT4_B11
Description  EconoPIM2 Modul mit Trench
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP25R12KT4_B11 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button FP25R12KT4_B11 Datasheet HTML 4Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 5Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 6Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 7Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 8Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 9Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 10Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 11Page - Infineon Technologies AG FP25R12KT4_B11 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
TechnischeInformation/TechnicalInformation
FP25R12KT4_B11
IGBT-Module
IGBT-modules
preparedby:AS
approvedby:RS
dateofpublication:2013-11-25
revision:2.0
VorläufigeDaten
PreliminaryData
AusgangskennlinieIGBT,Brems-Chopper(typisch)
outputcharacteristicIGBT,Brake-Chopper(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
0
5
10
15
20
25
30
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
DurchlasskennliniederDiode,Brems-Chopper(typisch)
forwardcharacteristicofDiode,Brake-Chopper(typical)
IF=f(VF)
VF [V]
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4
0
2
4
6
8
10
12
14
16
18
20
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
NTC-Widerstand-Temperaturkennlinie(typisch)
NTC-Thermistor-temperaturecharacteristic(typical)
R=f(T)
TC [°C]
0
20
40
60
80
100
120
140
160
100
1000
10000
100000
Rtyp


Similar Part No. - FP25R12KT4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP25R12KT4_B15 INFINEON-FP25R12KT4_B15 Datasheet
582Kb / 12P
   EconoPIM2 module with Trench/Fieldstopp IGBT4 and Emitter Controlled 4 diode
2011-01-20 revision:2.0
More results

Similar Description - FP25R12KT4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP50R12KT4_B11 INFINEON-FP50R12KT4_B11_13 Datasheet
835Kb / 12P
   EconoPIM2 Modul mit Trench
2013-10-16 revision:3.0
FP75R07N2E4_B11 INFINEON-FP75R07N2E4_B11 Datasheet
839Kb / 12P
   EconoPIM2 Modul mit Trench
2014-07-23 revision:2.1
FP75R07N2E4 INFINEON-FP75R07N2E4 Datasheet
752Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-06-22
FP50R07N2E4_B11 INFINEON-FP50R07N2E4_B11 Datasheet
777Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-04-21
FP50R12KT4 INFINEON-FP50R12KT4_13 Datasheet
645Kb / 11P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP25R12KT4 INFINEON-FP25R12KT4_13 Datasheet
819Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-05 revision:3.0
FP50R07N2E4 INFINEON-FP50R07N2E4 Datasheet
746Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-06-22
FP35R12KT4 INFINEON-FP35R12KT4_13 Datasheet
652Kb / 11P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP35R12KT4_B15 INFINEON-FP35R12KT4_B15_13 Datasheet
832Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP40R12KE3 INFINEON-FP40R12KE3_13 Datasheet
562Kb / 11P
   EconoPIM2 Modul mit Trench
2013-10-02 revision:3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com